Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF1C Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # PCF1C
Description  Fixed Ceramic Composition Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PCF1C Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  PCF1C Datasheet HTML 1Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 2Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 3Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 4Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 5Page - KOA Speer Electronics, Inc. PCF1C Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS-02 R6
AHA 6/20/07
PAGE 1 OF 6
Fixed Ceramic
Composition Resistors
Type PCF
1. Scope of Application
This specification relates to non-flammable coated, insulated type, fixed
ceramic resistors (type PCF) manufactured by KOA T&T Corporation.
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
2. Dimension and Construction
Type Designation
1/2
1
2
Allowable uncoated area
1.5
2.2
2.9
of resistor end surface
unit: mm
D
CERTIFIED
CERTIFIED
d
D
Marking
Flame Retardant Coating
End
Cap
Lead
Wire
L
l
C
Ceramic Body
L
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.031
(0.8)
.028
(0.7)
.138±.02
(3.5±0.5)
.217±.039
(5.5±1.0)
.276±.039
(7.0±1.0)
.437
(11.1)
.748
(19.0)
.886
(22.5)
.354±.039
(9.0±1.0)
0.65±.039
(16.5±1.0)
.748±.039
(19.0±1.0)
PCF1/2
PCF1
PCF2
Type
C (max.)
D
d (nom.)
l
Dimensions inches
(mm)
3. Type Designation
The type designation shall be in the following form:
Power
Rating
Tolerance
Nominal
Resistance
1/2
1
2
K: ±10%
M: ±20%
2 significant
figures
+ 1 multiplier
1/2
K
102
Packaging
A: Ammo
R: Reel
R
Taping
T631
T52
T631
PCF
Type
Termination
Material
C: SnCu
(Other termination
styles available,
contact factory
for options)
C
SS-02 R6
6/20/07
3:37 PM
Page 1


Similar Part No. - PCF1C

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PCF1C101K KOA-PCF1C101K Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
logo
Nichicon corporation
PCF1C101MCL1GS NICHICON-PCF1C101MCL1GS Datasheet
61Kb / 3P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCF1C101MCL1GS NICHICON-PCF1C101MCL1GS Datasheet
1Mb / 3P
   Chip Type, Standard
PCF1C151MCL1GS NICHICON-PCF1C151MCL1GS Datasheet
108Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCF1C151MCL1GS NICHICON-PCF1C151MCL1GS Datasheet
61Kb / 3P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PCF1C

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RS1112W2K7JT SHARMA-RS1112W2K7JT Datasheet
496Kb / 6P
   THE FIXED CARBON COMPOSITION RESISTORS
logo
Token Electronics Indus...
RMC TOKEN-RMC Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
   Hot-Molded Carbon Composition Fixed Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
   Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
   Carbon Composition Resistors
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
   CCR Carbon Composition Resistors
logo
Ohmite Mfg. Co.
OY100KE-TR OHMITE-OY100KE-TR Datasheet
540Kb / 1P
   Ceramic Composition
EYSERIES OHMITE-EYSERIES Datasheet
467Kb / 2P
   Ceramic Composition
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com