Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0805TTER68 Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KQ0805TTER68
Description  Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0805TTER68 Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KQ0805TTER68 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0805TTER68 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0805TTER68 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0805TTER68 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0805TTER68 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0805TTER68 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ0805TTER68 Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SS-193 R7
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 7
(1) Dimensions of Carrier Tape
8. Packaging
8-1 Taping
The tapes for taping shall be embossed
carrier tapes of 8 mm width and 4 mm
pitches. The standard quantity per reel
shall be 2,000 pieces.
KOA SPEER ELECTRONICS, INC.
Feeding hole*
øD0
A
T2
T1
Chip inductor
øD1
B
P1
P2
P0
E
F
W
Tape running direction
Chip pocket
Series
A
B
W
E
F
T1
3N3~R39
0.062 ± 0.003 0.087 ± 0.003
0.314 ± 0.007 0.068 ± 0.003 0.137 ± 0.001
0.059 ± 0.003
(1.60 ± 0.1)
(2.22 ± 0.1)
(8.0 ± 0.2)
(1.75 ± 0.1)
(3.5 ± 0.05)
(1.5 ± 0.1)
R47~R82
0.066 ± 0.003 0.086 ± 0.003
0.057 ± 0.003
(1.7 ± 0.1)
(2.20 ± 0.1)
(1.45 ± 0.1)
Dimensions in inches (mm)
Series
T2
P0
P1
P2
øD0
øD1
3N3~R39
0.009 ± 0.001 0.157 ± 0.003 0.157 ± 0.003 0.078 ± 0.001 0.059 ±. ... .. 0.039 ±. ... ..
(0.25 ± 0.05)
(4.0 ± 0.1)
(4.0 ± 0.1)
(2.0 ± 0.05)
(1.5 ±
)
(1.0 ±
)
R47~R82
0.1
0
0.003
0
Dimensions in inches (mm)
0.2
0
0.007
0
* 20 Pitches accumulation of feeding holes shall
be 80 ± 0.15 mm.
Top tape peeling strength: 0.1N ~ 0.7N


Similar Part No. - KQ0805TTER68

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0805TTER10B KOA-KQ0805TTER10B Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10C KOA-KQ0805TTER10C Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10G KOA-KQ0805TTER10G Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10H KOA-KQ0805TTER10H Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10J KOA-KQ0805TTER10J Datasheet
285Kb / 5P
   high Q inductor
More results

Similar Description - KQ0805TTER68

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com