Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0603TTE51N Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTE51N
Description  Chip Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTE51N Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KQ0603TTE51N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTE51N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTE51N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTE51N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTE51N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0603TTE51N Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Item
Requirement
Test Methods
Low temperature
No evidence of damage
Store at -40 ± 2°C, for 1000 hours
storage
∆L/L within ± 5%
∆Q/Q within ± 10%
High temperature
No evidence of damage
Store at +125 ± 2°C, for 1000 hours
storage
∆L/L within ± 5%
∆Q/Q within ± 10%
Moisture endurance
No evidence of damage
Store at 40 ± 2°C, 90 ~ 95% RH
∆L/L within ± 5%
for 1000 hours
∆Q/Q within ± 10%
Load life
No evidence of damage
Biased to full rated current at
∆L/L within ± 5%
+125°C for 1000 hours
∆Q/Q within ± 10%
7.3 Environmental Characteristics
Unless otherwise specified, measurements shall be performed within 2 hours after leaving test samples
for more than one hour at the normal temperature and at the normal humidity.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 6
SS-214 R8
7.2 Mechanical Characteristics
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Test Methods
Terminal pull strength
No evidence of damage
Terminals shall withstand a pull
of 5 N in a horizontal direction.
Terminal bending
No evidence of breakdown
Specimen shall be soldered on bend
strength
test board and force applied to the
opposite side to cause a 3 mm deflection
Vibration
∆L/L within ± 5%
2 hours in each direction of X, Y, Z,
∆Q/Q within ± 10%
on PCB at a frequency range of
10-55-10Hz with 1.5 mm amplitude
Dropping
No evidence of damage
Dropping 1 m on the ground of
∆L/L within ± 5%
concrete 1 time
∆Q/Q within ± 10%
Resistance to
No evidence of outer damage
Immerse in the solder at 260 ± 5°C
soldering heat
∆L/L within ± 5%
for 10±1 seconds
∆Q/Q within ± 10%
Solderability
95% of the terminal should
Immerse in the solder at 230 ± 5°C
be covered with new solder
for 3 ± 0.5 seconds
Resistance to
No damage and marking
Accordance with MIL-STD-202F
solvent
must remain legible
Method 215


Similar Part No. - KQ0603TTE51N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE51N KOA-KQ0603TTE51N Datasheet
277Kb / 7P
   highQinductor
More results

Similar Description - KQ0603TTE51N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com