Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0603TTE9N5 Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTE9N5
Description  Chip Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTE9N5 Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  KQ0603TTE9N5 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTE9N5 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTE9N5 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTE9N5 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTE9N5 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0603TTE9N5 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
9. General Information
(1) Storage
Chip inductors shall not be stored under high
temperature and high humidity conditions.
Especially, do not store taping where they are
exposed to heat or direct sunlight. Otherwise,
the packing material may be deformed,
causing problems during mounting.
(2) Mounting
Placement force should not be excessive.
(3) Soldering
Flow soldering should be done at 260°C for less
than 10 seconds. Reflow soldering should be
done at 240°C for less than 30 seconds. When
using a soldering iron, temperature shall not
exceed 350°C and within 3 seconds. Soldering
iron time of each electrode shall be allowed only
one time. After soldering, chip inductors shall
not be stressed excessively.
(4) Cleaning
It is no problem to use organic solvents.
Since this chip inductor is a coil of ultra-fine
wire, it is susceptible to vibration. If an ultra-sonic
cleaning unit is used for cleaning, check for any
possibility of problem generation before practical
use since such cleaning units considerably differ
in vibration level and mode.
Although the conditions differ depending
on the printed board size, ultrasonic cleaning
is generally used in the conditions described
below as examples.
Power: Within 20 W/L
Cleaning times: Within 5 minutes
(5) Pattern design
The land pattern is recommended as follows.
Dimensions in inches (mm)
.076 (1.92)
Inductor
position
.040 (1.02)
.025
(0.64)
.006
(0.16)
Solder resist
SS-214 R8
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 6 OF 6
(3) Reel Dimensions and Indication
The following items shall be
indicated on the reel.
• Type (KQ 0603 TE)
• Nominal inductance
and tolerance
• Quantity
• Production lot number
• Manufacturer’s name
or trade mark
Dimensions in inches (mm)
7.08 (180 )
+0
-3
.354
(9.0
± 0.3)
Indicate
position
2.36
(60
± 1.0)
.448
(11.4
± 1.0)
.079
(2.0
± 0.5)
.511
(13
± 0.2)
.826
(21
± 0.8)
KOA SPEER ELECTRONICS, INC.


Similar Part No. - KQ0603TTE9N5

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE9N5 KOA-KQ0603TTE9N5 Datasheet
277Kb / 7P
   highQinductor
More results

Similar Description - KQ0603TTE9N5

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com