Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0805TTER27 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KQ0805TTER27
Description  Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0805TTER27 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KQ0805TTER27 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SS-193 R7
AHA 6/29/06
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 7
Chip Inductors
Type KQ 0805
1. Scope of Application
This specification shall be applied to chip inductors KQ series produced by KOA Corporation.
KOA SPEER ELECTRONICS, INC.
3. Type Designation
Type designation shall be as the following form.
Size
Tolerance
Nominal
Inductance
0805
G: ±2%
J: ±5%
K: ±10%
M: ±20%
10N: 10nH
R10: 0.1µH
1R0: 1.0µH
0805
J
10N
Packaging
TE: 7" Embossed Plastic
TD: 7" Paper Tape
TE
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
KQ
Type
New Type
CERTIFIED
CERTIFIED
L
h
t
W1
d
W2
Magnetic
Wire
Flat Top
Film
Ceramic/
Ferrite
Core
Electrode
Inner
Coating
LW1
W2
t
h
d
Dimensions inches
(mm)
.079±.008
(2.0±0.2)
.059±.008
(1.5±0.2)
.018±.004
(0.45±0.1)
.053±.004
(1.35±0.1)
.051±.008
(1.3±0.2)
.016±.006
(0.40±0.15)
KQ0805
Size
Code
2. Dimensions and Construction


Similar Part No. - KQ0805TTER27

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0805TTER10B KOA-KQ0805TTER10B Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10C KOA-KQ0805TTER10C Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10G KOA-KQ0805TTER10G Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10H KOA-KQ0805TTER10H Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10J KOA-KQ0805TTER10J Datasheet
285Kb / 5P
   high Q inductor
More results

Similar Description - KQ0805TTER27

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com