Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0805TTER27 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KQ0805TTER27
Description  Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0805TTER27 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KQ0805TTER27 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ0805TTER27 Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SS-193 R7
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 7
KOA SPEER ELECTRONICS, INC.
6. Test Conditions
Unless otherwise specified, the test shall be
performed at the temperature of 20±15°C and
at a relative humidity of 65±20%. Reverse for
the test conditions shall be performed at the
temperature of 20±2°C and at a relative humidity
of 65±5%.
7. Reliability Tests
Item
Requirement
Test Methods
Dielectric withstanding
No evidence of flaming,
5 seconds at AC 500 V applied
voltage
fuming, or breakdown
between both terminals and film.
Insulation resistance
1000M
Ω and over
1 minute at DC 100 V measured
between both terminals and film.
Flammability
IEC 695-2-2
Withstands needle-flame test.
7-1 Electrical Characteristics
Item
Requirement
Test Methods
Terminal pull strength
No evidence of damage
Terminals shall withstand a pull of
10 N in a horizontal direction.
Terminal bending
No evidence of breakdown
Specimen shall be soldered on bend
strength
test board and force applied to the
opposite side to cause a 10 mm
deflection
Vibration
∆L/L within ±5%
2 hours in each direction of X, Y, Z,
∆Q/Q within ±10%
on PCB at a frequency range of
10-55-10Hz with 1.5 mm amplitude
Dropping
No evidence of damage
Dropping 1 m on the ground of
∆L/L within ±5%
concrete 1 time
∆Q/Q within ±10%
Resistance to
No evidence of outer damage
Immerse in the solder at 260±5°C
soldering heat
∆L/L within ±5%
for 10±1 seconds
∆Q/Q within ±10%
Solderability
95% of the terminal should
Immerse in the solder at 230±5°C
be covered with new solder
for 3±0.5 seconds
Resistance to
No damage and marking
Accordance with MIL-STD-202F
solvent
must remain legible
Method 215
7-2 Mechanical Characteristics


Similar Part No. - KQ0805TTER27

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0805TTER10B KOA-KQ0805TTER10B Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10C KOA-KQ0805TTER10C Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10G KOA-KQ0805TTER10G Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10H KOA-KQ0805TTER10H Datasheet
285Kb / 5P
   high Q inductor
KQ0805TTER10J KOA-KQ0805TTER10J Datasheet
285Kb / 5P
   high Q inductor
More results

Similar Description - KQ0805TTER27

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com