Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT732AT Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LT732AT
Description  Linear Positive Tempco Thermistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LT732AT Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LT732AT Datasheet HTML 1Page - KOA Speer Electronics, Inc. LT732AT Datasheet HTML 2Page - KOA Speer Electronics, Inc. LT732AT Datasheet HTML 3Page - KOA Speer Electronics, Inc. LT732AT Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
PAGE 2 OF 4
SS-251 R2
4. Standard Applications
KOA SPEER ELECTRONICS, INC.
5.2 Temperature Characteristics
5. Environmental Applications
5.1 Derating Curve
100
80
60
40
20
-20
0
20
40
60
80
100 120
140
125
70
Ambient Temperature
(
°C)
0
-40
10
8
2
0
-2
-25
0
25
50
75
100
125
Ambient Temperature
(
°C)
-8
-50
1000ppm/
°C
6
4
-4
-6
500ppm/
°C
150ppm/
°C
60
50
20
10
0
-25
0
25
50
75
100
125
Ambient Temperature
(
°C)
-30
-50
4500ppm/
°C
40
30
-10
-20
3300ppm/
°C
2400ppm/
°C
1600ppm/
°C
Absolute
Maximum
Working
Voltage
Absolute
Maximum
Overload
Voltage
Operating
Temp.
Range
Part
Designation
Resistance
Tolerance
T.C.R.
(ppm/°C)
Maximum**
T.C.R.
Tolerance
Power
Rating
@ 70°C
2K
Ω - 24KΩ
1K
Ω - 20KΩ
1K
Ω - 13KΩ
510
Ω - 4.7KΩ
510
Ω - 4.7KΩ
510
Ω - 3.0KΩ
510
Ω - 3.0KΩ
510
Ω - 3.0KΩ
100
Ω - 1KΩ
51
Ω - 510Ω
2K
Ω - 51KΩ
G: ±2%
150, 250, 350, 450, 500 ±100ppm/°C
±150ppm/°C
±15%
±10%
600, 700, 800, 900
1000, 1200, 1400
1600, 1800
2000, 2200, 2400
2600, 2800
3000, 3300, 3600
3900
4200
4500
J: ±5%
LT732A
100mW
125mW
75V
50V
100V
150V
LT732B
1K
Ω - 43KΩ
1K
Ω - 27KΩ
1K
Ω - 10KΩ
510
Ω - 9.1KΩ
510
Ω - 6.2KΩ
510
Ω - 6.2KΩ
510
Ω - 6.2KΩ
100
Ω - 2KΩ
51
Ω - 510Ω
Resistance Range
E-24*
LT732B
LT732A
-40°C
to
+125°C
* See Appendix D for available decade values.
** T.C.R. is factory tested from 25°C to 75°C.


Similar Part No. - LT732AT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LT732ATTD101G1000 KOA-LT732ATTD101G1000 Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732ATTD101G1000 KOA-LT732ATTD101G1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732ATTD101J1000 KOA-LT732ATTD101J1000 Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732ATTD101J1000 KOA-LT732ATTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732ATTE101G1000 KOA-LT732ATTE101G1000 Datasheet
90Kb / 2P
   linear positive tempco thermistor
More results

Similar Description - LT732AT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
LA731JTTD101J3300 KOA-LA731JTTD101J3300 Datasheet
358Kb / 2P
   thick film linear positive tempco thermistor
PT722AT KOA-PT722AT Datasheet
74Kb / 4P
   Positive Tempco Thermistor
PT722A KOA-PT722A Datasheet
89Kb / 2P
   positive tempco thermistor
LA731J KOA-LA731J Datasheet
91Kb / 2P
   thick film linear positive tempco thermistor
LA731JT KOA-LA731JT Datasheet
112Kb / 4P
   Thick Film Linear Positive Tempco Thermistor
NT732ATTD103K3800J KOA-NT732ATTD103K3800J Datasheet
230Kb / 2P
   negative tempco thermistor
NT731JT KOA-NT731JT Datasheet
78Kb / 4P
   Negative Tempco Thermistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com