Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4045ATED101M Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # LPC4045ATED101M
Description  Power Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC4045ATED101M Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  LPC4045ATED101M Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC4045ATED101M Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC4045ATED101M Datasheet HTML 3Page - KOA Speer Electronics, Inc. LPC4045ATED101M Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6. Packaging
6.1 Taping
The taping shall be embossed carrier tapes of 12 mm width
and 8 mm pitches. The standard quantity per reel shall be 1,000 pieces.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
SS-194 R5
2.0
± 0.3
Ø21.0
± 0.5
13
± 1.0
ø250
80.0
± 2.0
Ø13.0
± 0.5
Blank
over 50 mm
Products
1,000 pieces
Blank
over 50 mm
Tape leader
50 ~ 200 mm
Feed Direction
4.6
± 0.1
4.75
± 0.2 4.15 ± 0.2
Ø1.5
± 0.1 0.4
8.0
± 0.1
1.75
± 0.1
12.0
± 0.1
5.5
± 0.1
4.0
± 0.1
PAGE 3 OF 4
6.2 Dimensions of Taping
6.3 Packaging Method
A specially designed cardboard box is used
for the external packaging and can hold a
maximum of 20 reels.
6.4 Markings
The following information is provided
on the reel.
(1) Product name (2) Part number (3) Quality
(4) Lot number (5) Manufacture origin
6.5 Lot Number
(Example) January 21, 2006
Year and
Month of
Manufacture
41
Day of
Manufacture
21
Manufacture
Plant
D
Additional
Number
K
KOA SPEER ELECTRONICS, INC.
41...2006.1 42...2006.2 43...2006.3


Similar Part No. - LPC4045ATED101M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045ATED101K KOA-LPC4045ATED101K Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC4045ATED101M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com