Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ1008TTE39N Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # KQ1008TTE39N
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ1008TTE39N Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  KQ1008TTE39N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 7Page - KOA Speer Electronics, Inc. KQ1008TTE39N Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(2) Taped Configurations (conforming to EIA-481 standard)
Dimensions in inches (mm)
6.29 (160) min.
9.04 (230) min.
6.29 (160) min.
Drawing out direction
End
Beginning
Leader space
Empty space
Chip mounting space
Empty space
SS-181 R8
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 6 OF 8
.059
(1.5
± )
0.1
0
Dimensions in inches (mm)
* 10 Pitches accumulation of feeding
holes shall be 40
±0.1 mm.
Top tape peeling strength: 0.1 N~0.7N
Feeding hole*
Chip inductor
Chip pocket
Tape running direction
.012
(0.3
± 0.05)
.083
(2.1
± 0.1)
.090
(2.3
± 0.1)
.079
(2.0
± 0.05)
.157
(4.0
± 0.1)
.157
(4.0
± 0.1)
.107
(2.7
± 0.1)
.047
(1.2
± 0.1)
.069
(1.75
± 0.1)
.138
(3.5
± 0.05)
.315
(8.0
± 0.2)
(1) Dimensions of Carrier Tape
10. Packaging
Taping
The tapes for taping shall be embossed
carrier tapes of 8 mm width and 4 mm
pitches. The standard quantity per reel
shall be 2,000 pieces.
KOA SPEER ELECTRONICS, INC.


Similar Part No. - KQ1008TTE39N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ1008TTE10NB KOA-KQ1008TTE10NB Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NC KOA-KQ1008TTE10NC Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NG KOA-KQ1008TTE10NG Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NH KOA-KQ1008TTE10NH Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NJ KOA-KQ1008TTE10NJ Datasheet
285Kb / 5P
   high Q inductor
More results

Similar Description - KQ1008TTE39N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com