Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ0603TTE11N Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTE11N
Description  Chip Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTE11N Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KQ0603TTE11N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ0603TTE11N Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SS-214 R8
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 6
8. Packaging
8.1 Taping
The tapes for taping shall be embossed carrier tapes of .315" (8 mm) width and
.157" (4 mm) pitches. The standard quantity per reel shall be 2,000 pieces.
KOA SPEER ELECTRONICS, INC.
.059
(1.5
± )
0.1
0
Dimensions in inches (mm)
* 10 Pitches accumulation of feeding
holes shall be 1.57" (40
± 0.2 mm).
Top tape peeling strength: 0.1 N ~ 0.7N
Feeding hole*
Chip inductor
Chip pocket
Tape running direction
.010
(0.25
± 0.05)
.047
(1.2
± 0.1)
.043
(1.1
± 0.05)
.079
(2.0
± 0.05)
.157
(4.0
± 0.1)
.157
(4.0
± 0.1)
.069
(1.75
± 0.1)
.024
(0.6
± 0.05)
.069
(1.75
± 0.1)
.138
(3.5
± 0.05)
.315
(8.0
± 0.1)
(1) Dimensions of Carrier Tape
(2) Taped Configurations (conforming to EIA-481 standard)
Dimensions in inches (mm)
6.29 (160) min.
9.04 (230) min.
6.29 (160) min.
Drawing out direction
End
Beginning
Leader space
Empty space
Chip mounting space
Empty space
Item
Requirement
Test Methods
High temperature
No evidence of damage
Biased to 10% rated current at
High humidity
∆L/L within ± 5%
+85°C, 85% RH for 1000 hours
∆Q/Q within ± 10%
Thermal shock
No evidence of damage
100 cycles between
∆L/L within ± 5%
-40°C/hour and +125°C/hour
∆Q/Q within ± 10%
Temperature
∆L/L within ± 5%
∆L/L to be measured at the
characteristics
temperature of between -40°C and
+125°C as based on the inductance
at 20°C
7.3 Environmental Characteristics (continued)
Unless otherwise specified, measurements shall be performed within 2 hours after leaving test samples
for more than one hour at the normal temperature and at the normal humidity.


Similar Part No. - KQ0603TTE11N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0603TTE11N KOA-KQ0603TTE11N Datasheet
277Kb / 7P
   highQinductor
More results

Similar Description - KQ0603TTE11N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com