Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ1008TTE12N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KQ1008TTE12N
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ1008TTE12N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KQ1008TTE12N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 7Page - KOA Speer Electronics, Inc. KQ1008TTE12N Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 8
SS-181 R8
KOA SPEER ELECTRONICS, INC.
5. Standard Applications
Part
Designation
L
Measuring
Frequency
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
10N
12N
15N
18N
22N
27N
33N
39N
47N
56N
68N
82N
R10
R12
R15
R18
R22
350
50
50
55
60
65
60
500
1000
620
500
650
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.18
0.20
0.22
0.56
0.63
0.70
0.77
0.84
3300
3000
2500
2400
1600
1500
1300
1000
950
850
750
700
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
KQ1008TTE10N*
KQ1008TTE12N*
KQ1008TTE15N*
KQ1008TTE18N*
KQ1008TTE22N*
KQ1008TTE27N*
KQ1008TTE33N*
KQ1008TTE39N*
KQ1008TTE47N*
KQ1008TTE56N*
KQ1008TTE68N*
KQ1008TTE82N*
KQ1008TTER10*
KQ1008TTER12*
KQ1008TTER15*
KQ1008TTER18*
KQ1008TTER22*
J: ±5%
K: ±10%
M:±20%
* Add tolerance character (G, J, K, M)
0.08
4100
25
G: ±2%
J: ±5%
K: ±10%
45
100
580
Item
Specification
Nominal inductance range
10 nH ~ 10 µH
Nominal inductance tolerance
Measurement Equipment:
HP4291A (HP16193A) e7
Q (Quality factor)
Measurement Equipment:
HP4291A (HP16193A) e7
Self-resonant frequency (MHz)
Measurement Equipment:
HP8720D (A01288831CH)
DC resistance (ohm)
Measurement Equipment:
DVM meter
Allowable current (mA)
Measurement frequency (MHz)
Measurement Equipment:
HP4291A (HP16193A)
Storage temperature range
-40°C ~ +100°C
Operating temperature range
-40°C ~ +125°C
4. Rating


Similar Part No. - KQ1008TTE12N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ1008TTE10NB KOA-KQ1008TTE10NB Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NC KOA-KQ1008TTE10NC Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NG KOA-KQ1008TTE10NG Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NH KOA-KQ1008TTE10NH Datasheet
285Kb / 5P
   high Q inductor
KQ1008TTE10NJ KOA-KQ1008TTE10NJ Datasheet
285Kb / 5P
   high Q inductor
More results

Similar Description - KQ1008TTE12N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com