Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL32TTE680 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KL32TTE680
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE680 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KL32TTE680 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTE680 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 8
Chip Inductors
Type KL32 Series
1. Scope
This specification applies to Chip Inductors (KL32)
produced by KOA Corporation.
2. Type Designation
The type designation shall be the following form:
TN-100 R3
AHA 10/13/06
CERTIFIED
CERTIFIED
Size
Tolerance
Nominal
Inductance
1210
J: ±5%
K: ±10%
M: ±20%
Reference
inductance
marking chart
32
J
101
Packaging
TE: 7" embossed plastic
(2,000 pieces/reel)
TED: 10" embossed plastic
(4,000 pieces/reel)
TE
Termination
Material
T: Sn
(Other termination
styles available,
contact factory
for options)
T
KL
Type
W1
L
d
W2
h
t
Electrode
Magnet
Wire
Ferrite
Core
Molded
Resin
Inductance Marking
Value
Code
0.005µH - 0.082µH
005 - 082
0.10µH - 8.2µH
R10 - 8R2
R indicates decimal point.
10µH - 330µH
100 - 331
1st two figures are significant,
the last figure indicates the
number of zeros to follow.
3. Dimensions and Construction
L
.126±.008
(3.2±0.2)
.098±.008
(2.5±0.2)
.02 nominal
(.5 nominal)
.067±.004
(1.7±0.1)
.087±.008
(2.2±0.2)
.075±.004
(1.9±0.1)
W1
W2
t
h
d
Dimensions inches
(mm)
KL32
Type


Similar Part No. - KL32TTE680

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE680 KOA-KL32TTE680 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE680 KOA-KL32TTE680 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE680

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com