Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL731HTTB10N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KL731HTTB10N
Description  Thin Film Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731HTTB10N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KL731HTTB10N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 8Page - KOA Speer Electronics, Inc. KL731HTTB10N Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KOA SPEER ELECTRONICS, INC.
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 9
TN-200 R7
4. Application and Ratings
Part
Designation
Inductance
(nH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
Inductance
Tolerance
200
* Add tolerance character (B, C, G, J)
0.6
KL731HTTB0N6*
0.7
KL731HTTB0N7*
0.8
KL731HTTB0N8*
0.9
KL731HTTB0N9*
1.0
KL731HTTB1N0*
1.1
KL731HTTB1N1*
1.2
KL731HTTB1N2*
1.3
KL731HTTB1N3*
1.5
KL731HTTB1N5*
1.6
KL731HTTB1N6*
1.8
KL731HTTB1N8*
2.0
KL731HTTB2N0*
2.2
KL731HTTB2N2*
2.4
KL731HTTB2N4*
2.7
KL731HTTB2N7*
B: ±0.1nH, C: ±0.2nH
5
9000
6000
4000
2000
8000
0.20
0.30
0.35
0.50
0.60
0.70
1.30
350
300
200
130
120
110
500
3.0
KL731HTTB3N0*
3.3
KL731HTTB3N3*
3.6
KL731HTTB3N6*
3.9
KL731HTTB3N9*
4.3
KL731HTTB4N3*
4.7
KL731HTTB4N7*
5.1
KL731HTTB5N1*
5.6
KL731HTTB5N6*
6.2
KL731HTTB6N2*
6.8
KL731HTTB6N8*
7.5
KL731HTTB7N5*
8.2
KL731HTTB8N2*
9.1
KL731HTTB9N1*
10
KL731HTTB10N*
12
KL731HTTB12N*
15
KL731HTTB15N*
18
KL731HTTB18N*
22
KL731HTTB22N*
27
KL731HTTB27N*
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
B: ±0.1nH
B: ±0.1nH, C: ±0.2nH
G: ±2%
G: ±2%, J: ±5%
G: ±2%
G: ±2%, J: ±5%
G: ±2%
G: ±2%, J: ±5%
G: ±2%
G: ±2%
J: ±5%
1500
1000
1.00
1.50
2.00
2.50
5.00
6.00
70
50
11
KL731HTTB11N*
13
KL731HTTB13N*
16
KL731HTTB16N*
20
KL731HTTB20N*
24
KL731HTTB24N*
33
KL731HTTB33N*
39
KL731HTTB39N*
800
7.00
40


Similar Part No. - KL731HTTB10N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ET KOA-KL731ET Datasheet
133Kb / 4P
   thin film inductor
KL731ETTE47NB KOA-KL731ETTE47NB Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NC KOA-KL731ETTE47NC Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NG KOA-KL731ETTE47NG Datasheet
243Kb / 4P
   thin film inductor
KL731ETTE47NJ KOA-KL731ETTE47NJ Datasheet
243Kb / 4P
   thin film inductor
More results

Similar Description - KL731HTTB10N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com