Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGM0805HFTTE2204A Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KGM0805HFTTE2204A
Description  three-terminal capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM0805HFTTE2204A Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KGM0805HFTTE2204A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM0805HFTTE2204A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM0805HFTTE2204A Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
features
Surface mount type noise filter
Plated terminals provide excellent solder resistance
Small size and high rated DC current
0603-2A, 0805-2A, 1206-2A series is available
in signal lines in addition to power line
Marking: Black body color with no marking
Products with lead-free terminations meet
EU RoHS requirements
KGM
three-terminal capacitor
dimensions and construction
W
t
L
e
e
Glass
Coating
Terminals
(Ag + Ni,
Sn Plating)
g
GND
Terminals
(Ag + Ni,
Sn Plating)
L
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.031±.008
(0.8±0.2)*
.016±.012
(0.4±0.3)
.039±.012
(1.0±0.3)
.016±.012
(0.4±0.3)
.031±.008
(0.8±0.2)*
.063±.008
(1.6±0.2)
.126±.008
(3.2±0.2)
.039±.012
(1.0±0.3)
.012±.008
(0.3±0.2)
.039±.008
(1.0±0.2)
.126±.012
(3.2±0.3)
.177±.012
(4.5±0.3)
Wt
g
e
0805
1206
1812
Size
* KGM0805 470
KGM1206CHT221/2A:
KGM0805 101
t = .043 ± .008
(1.1 ± 0.2)
KGM0805 222
t = .035 ± .008
(0.9 ± 0.2)
ordering information
2 significant
digits + no.
of zeros
T: Sn
0603
0805
1206
1812
TE: 7" embossed plastic
(0603 - 4,000 pieces/reel)
(0805 - 4,000 pieces/reel)
(1206 - 2,000 pieces/reel)
(1812 - 1,000 pieces/reel)
KGM
Type
Size
Termination
Material
Capacitance
Packaging
New Part #
0805
C: 16V
E: 25V
V: 35V
H: 50V
Rated
Voltage
H
C
F
Temp.
Charact.
C
1A
2A
4A
Rated
Current
2A
TE
T
220
For further information on packaging,
please refer to Appendix A.
circuit schematic
In
Out
GND
.063±.008
(1.6±0.2)
.031±.008
(0.8±0.2)
.024±.008
(0.6±0.2)
.020±.008
(0.5±0.2)
.008±.006
(0.2±0.15)
0603
EU
temperature characteristics
Temperature
Character
C
F
-25°C to +85°C
20°C
±15%
-80 ~ +30%
Temperature
Range
Standard
Temperature
Rate of
Change
(Capacitance)
273
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08


Similar Part No. - KGM0805HFTTE2204A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM0805HFTTE2204A KOA-KGM0805HFTTE2204A Datasheet
115Kb / 8P
   Three Termination Capacitor
More results

Similar Description - KGM0805HFTTE2204A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
   Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
logo
KOA Speer Electronics, ...
KGM0805C KOA-KGM0805C Datasheet
115Kb / 8P
   Three Termination Capacitor
logo
Rohm
BA178XXT ROHM-BA178XXT Datasheet
244Kb / 6P
   Three-Terminal Regulator
logo
MORNSUN Science& Techno...
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
   Three-terminal isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com