Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL32TTE3R3 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KL32TTE3R3
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE3R3 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KL32TTE3R3 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTE3R3 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 8
TN-100 R3
4. Standard Applications
Part
Designation
Inductance
(µH)
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
KL32TTE005*
Inductance
Tolerance
0.005
KL32TTE010*
0.010
KL32TTE012*
0.012
KL32TTE015*
0.015
KL32TTE018*
0.018
KL32TTE022*
0.022
KL32TTE027*
0.027
KL32TTE033*
0.033
KL32TTE039*
0.039
KL32TTE047*
0.047
KL32TTE056*
0.056
KL32TTE068*
0.068
KL32TTE082*
0.082
KL32TTER10*
0.10
KL32TTER12*
0.12
KL32TTER15*
0.15
KL32TTER18*
0.18
KL32TTER22*
0.22
KL32TTER27*
0.27
KL32TTER33*
0.33
KL32TTER39*
0.39
KL32TTER47*
0.47
KL32TTER56*
0.56
KL32TTER68*
0.68
KL32TTER82*
0.82
KL32TTE1R0*
1.0
KL32TTE1R2*
1.2
KL32TTE1R5*
1.5
KL32TTE1R8*
1.8
KL32TTE2R2*
2.2
KL32TTE2R7*
2.7
KL32TTE3R3*
3.3
KL32TTE3R9*
3.9
KL32TTE4R7*
4.7
KL32TTE5R6*
5.6
KL32TTE6R8*
6.8
KL32TTE8R2*
8.2
KL32TTE100*
10
KL32TTE120*
12
KL32TTE150*
15
KL32TTE180*
18
KL32TTE220*
22
KL32TTE270*
27
KL32TTE330*
33
KL32TTE390*
39
KL32TTE470*
47
KL32TTE560*
56
KL32TTE680*
68
KL32TTE820*
82
KL32TTE101*
100
KL32TTE121*
120
KL32TTE151*
150
KL32TTE181*
180
KL32TTE221*
220
KL32TTE271*
270
KL32TTE331*
330
M: ±20%
11
2700
0.12
15
2500
0.13
17
2300
0.14
19
2100
0.16
21
23
1900
0.18
28
20
30
700
0.44
500
0.22
450
0.25
400
0.28
350
0.32
320
0.36
300
0.40
250
0.45
220
0.50
180
0.55
160
0.60
140
0.65
120
0.70
400
100
0.75
390
1700
0.20
1500
0.22
K: ±10%
M: ±20%
J: ±5%
K: ±10%
M: ±20%
J: ±5%
K: ±10%
M: ±20%
25
1400
0.24
1300
0.27
26
1200
0.30
1100
0.33
27
1000
0.36
900
0.40
450
100
25.2
7.96
2.52
0.796
85
0.85
370
80
0.90
350
75
1.0
320
70
1.1
290
60
1.2
260
55
1.3
250
50
1.5
220
47
1.6
200
43
1.8
180
40
2.0
170
36
2.1
150
33
2.5
140
30
2.8
130
27
3.3
120
25
3.7
110
20
5.0
80
17
5.6
70
16
6.4
65
15
7.0
60
13
8.0
55
12
9.0
50
11
10
45
10
8
40
11
70
15
65
7
6
5
21
28
34
17
60
50
* Add tolerance character (J, K, M)


Similar Part No. - KL32TTE3R3

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE3R3 KOA-KL32TTE3R3 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE3R3 KOA-KL32TTE3R3 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE3R3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com