Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC10065ATED470K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LPC10065ATED470K
Description  choke coil inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC10065ATED470K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LPC10065ATED470K Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC10065ATED470K Datasheet HTML 2Page - KOA Speer Electronics, Inc. LPC10065ATED470K Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMS 300 neg.
Black neg.
D
C
E
F
F
A
B
Ferrite
Core
Magnet
Wire
Electrode
Ceramic
Substrate
C
LPC
choke coil inductor
features
Small size allows for high mounting density
Suitable for reflow soldering
Large DC current capacity with low DC resistance
Polarity identification available
E-6 series of values (customs available)
Marking: Black body color with no marking
Products with lead-free terminations meet
EU RoHS requirements
ordering information
101: 100µH
221: 220µH
152: 1500µH
A: SnAg
T: Sn (LPC4235 only)
K: ±10%
M:±20%
N: ±30%
4045
4235
9040N
10065
12065
TED: 10" embossed plastic
(4045 - 1,000 pieces/reel)
(4235 - 2,000 pieces/reel)
(9040N - 500 pieces/reel)
(10065 - 300 pieces/reel)
(12065 - 300 pieces/reel)
LPC
Type
Size
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
4045
TED
K
101
A
dimensions and construction
A
ø.157±.008
(ø4.0±0.2)
.169±.009
(4.3±0.2)
.039±.112
(1.0±0.3)
.177±.008
(4.5±0.2)
.118±.008
(3.0±0.2)
.138
(3.5)
BC
DE
F
Dimensions inches
(mm)
4045
ø.394±.008
(ø10.0±0.2)
.295 Max.
(7.5 Max.)
.098±.008
(2.5±0.2)
.409±.008
(10.4±0.2)
.315±.008
(8.0±0.2)
.354
(9.0)
10065
ø.472±.008
(ø12.0±0.2)
.295 Max.
(7.5 Max.)
.146±.112
(3.7±0.3)
.488±.008
(12.4±0.2)
.472±.008
(10.0±0.2)
.433
(11.0)
12065
Size
4045, 10065, 12065
4235
For further information
on packaging, please
refer to Appendix A.
9040N
ø.354±
.
(ø9.0
)
.193 Max.
(4.9 Max.)
.071±.008
(1.8±0.2)
.402 Max.
(10.2 Max.)
.079±.008
(2.0±0.2)
––
+0.05
-0.1
+.002
-.004
––
.138 Max.
(3.5 Max.)
.039±.008
(1.0±0.2)
.177±.008
(4.5±0.2)
.079±.008
(2.0±0.2)
.165±.008
(4.2±0.2)
4235
45°±6°
C
A
D
F
B
Ferrite
Core
Magnet
Wire
Electrode
Ceramic
Substrate
D
9040N
D
F
B
E
C
EU
227
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:56 PM
Page 32


Similar Part No. - LPC10065ATED470K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC10065ATED101K KOA-LPC10065ATED101K Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED101M KOA-LPC10065ATED101M Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED152K KOA-LPC10065ATED152K Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED152M KOA-LPC10065ATED152M Datasheet
82Kb / 4P
   Power Chip Inductors4
LPC10065ATED221K KOA-LPC10065ATED221K Datasheet
82Kb / 4P
   Power Chip Inductors4
More results

Similar Description - LPC10065ATED470K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPM1060TTEG100M KOA-LPM1060TTEG100M Datasheet
225Kb / 2P
   choke coil inductor
SDR0604T KOA-SDR0604T Datasheet
93Kb / 3P
   power choke coil inductor
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
   shielded power choke coil inductor
logo
Murata Manufacturing Co...
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com