Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL731ETTP4N7 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KL731ETTP4N7
Description  thin film inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731ETTP4N7 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KL731ETTP4N7 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731ETTP4N7 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731ETTP4N7 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731ETTP4N7 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
216
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/07/09
KL73
thin film inductor
environmental applications
Performance Characteristics
PMS 300 neg.
Black neg.
Parameter
260°C ± 5°C, 10s ± 1s
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
Requirements Maximum
∆ L/L
Test Method
Resistance to Soldering Heat
-40°C (30min.)/ +125°C (30min.) 100 cycles
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
Rapid Change of Temperature
-40°C ± 3°C, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
Low Temperature Exposure
125°C ± 2°C, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
Without distinct damage
in appearance and construction
Insulation resistance: 50M
Ωormore
∆ L/L: ±2%, ∆ Q/Q: ±20%
Moisture Exposure
Immerse the inductors for 30s ± 5s in the reagent
(20°C ~ 25°C) of JIS K8839 (1995)
Without distinct damage in
appearance, construction and marking
∆ L/L: ±2%, ∆ Q/Q: ±20%
Resistance to Solvent
Limit
Typical
∆ L/L: ±0.5%
∆ Q/Q: ±1.5%
∆ L/L: ±0.6%
∆ Q/Q: ±1.2%
∆ L/L: ±0.4%
∆ Q/Q: ±1.4%
∆ L/L: ±0.4%
∆ Q/Q: ±1.3%
∆ L/L: ±0.7%
∆ Q/Q: ±1.2%
∆ L/L: ±0.5%
∆ Q/Q: ±1.6%
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:51 PM
Page 21


Similar Part No. - KL731ETTP4N7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ETTP4N7 KOA-KL731ETTP4N7 Datasheet
112Kb / 7P
   Thin Film Chip Inductors
KL731ETTP4N7 KOA-KL731ETTP4N7 Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL731ETTP4N7 KOA-KL731ETTP4N7 Datasheet
545Kb / 4P
   Excellent for high frequency applications
KL731ETTP4N7B KOA-KL731ETTP4N7B Datasheet
243Kb / 4P
   thin film inductor
KL731ETTP4N7C KOA-KL731ETTP4N7C Datasheet
243Kb / 4P
   thin film inductor
More results

Similar Description - KL731ETTP4N7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com