Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC2AFLTD151N16N5L Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KC2AFLTD151N16N5L
Description  Noise Filters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KC2AFLTD151N16N5L Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KC2AFLTD151N16N5L Datasheet HTML 1Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 2Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 3Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 4Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 5Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 6Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 7Page - KOA Speer Electronics, Inc. KC2AFLTD151N16N5L Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 8
SS-229 R4
KOA SPEER ELECTRONICS, INC.
Item
Requirement
Conditions
Solderablility
More than 95% of the terminal electrode
Flux: 25% rosin
shall be covered with new solder.
Solder: H60A
Solder Temp: 235°C ±5°C
Dip Time: 2 ±0.5 sec
Temperature Cycle*
Appearance: No physical damage
Repeat the following heat cycle 10 times:
Capacitance: Within tolerance
Step
Temperature
Time
Dielectric Loss: Within tolerance
1
-40°C ±3°C
30 min ±3 min
Insulation Resistance: Within tolerance
2
Room Temp.
15 min max.
Withstand Voltage: No abnormality
3
85°C ±2°C
30 min ±3 min
4
Room Temp.
15 min max.
High Temperature
Appearance: No physical damage
Temp: 70°C ±2°C
Resistance*
Capacitance: Within tolerance
Bias: DC25V
Dielectric Loss: Within tolerance
Bias: DC200mA
Insulation Resistance: Within tolerance
Test Time: 500 hours
Withstand Voltage: No abnormality
Humidity Resistance
Appearance: No physical damage
Temp: 85°C ±2°C
(unload)*
Capacitance: Within tolerance
Humidity: 85% ±5%
Dielectric Loss: Within tolerance
Test Time: 500 hours
Insulation Resistance: Within tolerance
Substrate Bending
Appearance: No physical damage
After soldering a chip to a test substrate,
Test
Capacitance: Within tolerance
bend the substrate by 1 mm and then measure.
The substrate is GE4 or based on GE4.
Humidity Resistance
Appearance: No physical damage
Temp: 40°C ±2°C
(load)*
Capacitance: Within tolerance
Humidity: 90% ~ 95%
Dielectric Loss: Within tolerance
Bias: DC25V
Insulation Resistance: Within tolerance
Bias: DC200mA
Test Time: 500 hours
9. Characteristics Cont.
* After Temperature cycle test, High temperature resistance test, Humidity resistance test or
Low temperature resistance test, the tested sample should be measured after having left in
temperature from 15° to 35°C and relative humidity from 20% to 90% for 24 hours.
Weight
20
Displacement
Substrate
45
± 2
45
± 2


Similar Part No. - KC2AFLTD151N16N5L

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KC2AFTTD151N16N5L KOA-KC2AFTTD151N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD160N3N0L KOA-KC2AFTTD160N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD220N3N0L KOA-KC2AFTTD220N3N0L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD331N16N5L KOA-KC2AFTTD331N16N5L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
KC2AFTTD700N8N50L KOA-KC2AFTTD700N8N50L Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
More results

Similar Description - KC2AFLTD151N16N5L

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
TDK Electronics
MDF2016BSS270CTD25 TDK-MDF2016BSS270CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
   Noise Suppression Filters
MDF2016BSS420CTD25 TDK-MDF2016BSS420CTD25 Datasheet
172Kb / 3P
   Noise Suppression Filters
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
   Noise Suppression Filters
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
   Noise Suppression Filters
MDF2016BSS120CTD25 TDK-MDF2016BSS120CTD25 Datasheet
170Kb / 3P
   Noise Suppression Filters
MDF2016BSS600CTD25 TDK-MDF2016BSS600CTD25 Datasheet
173Kb / 3P
   Noise Suppression Filters
MDF2016BSS180CTD25 TDK-MDF2016BSS180CTD25 Datasheet
171Kb / 3P
   Noise Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com