Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHL1JCTTD5N6 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MHL1JCTTD5N6
Description  multilayer ceramic inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1JCTTD5N6 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MHL1JCTTD5N6 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1JCTTD5N6 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1JCTTD5N6 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MHL
multilayer ceramic inductor
Monolithic structure provides high reliability
in a wide temperature and humidity range
High quality ceramic material and unique manufacturing
process provides high Q at high frequency
Standard EIA packages: 1E, 1J
Nickel barrier with solder overcoat for excellent
solderability
Marking: Brown body color with no marking (1E)
White body color with with black stripe
and no marking (1J)
Products with lead-free terminations meet
EU RoHS requirements
features
dimensions and construction
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
L
.039±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.01±.004
(0.25±0.1)
.02±.004
(0.5±0.1)
Wt
d
Dimensions inches
(mm)
1E
(0402)
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.014±.006
(0.36±0.15)
.031±.006
(0.8±0.15)
1J
(0603)
Size
Code
For further information on packaging,
please refer to Appendix A.
ordering information
S: ±0.3nH
J: ±5%
T: Sn
3N9 = 3.9nH
R10 = 100nH
1E
1J
TP: 7" paper tape 2 mm pitch
(1E only - 10,000 pieces/reel)
TD: 7" paper tape
(1J - 4,000 pieces/reel)
MHL
Type
Size
Code
Nominal
Inductance
Tolerance
Termination
Material
Packaging
New Part #
1E
Permeability
Code:
C
T
Material
C
TE
3N9
S
T
EU
205
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:46 PM
Page 10


Similar Part No. - MHL1JCTTD5N6

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1JCTTD5N6 KOA-MHL1JCTTD5N6 Datasheet
150Kb / 6P
   Multilayer Ceramic Inductors
More results

Similar Description - MHL1JCTTD5N6

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1ECTTE3N9S KOA-MHL1ECTTE3N9S Datasheet
215Kb / 2P
   multilayer ceramic inductor
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
   MULTILAYER CERAMIC CHIP INDUCTOR
logo
Filtran LTD
8430 FILTRAN-8430 Datasheet
152Kb / 4P
   MULTILAYER Ceramic Chip Inductor
logo
Wurth Elektronik GmbH &...
744784039A WURTH-744784039A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784133A WURTH-744784133A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784139A WURTH-744784139A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786056A WURTH-744786056A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478215 WURTH-74478215 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478222 WURTH-74478222 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478227 WURTH-74478227 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com