Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD07SCDMTBK Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # NVD07SCDMTBK
Description  metal oxide varistor disc type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD07SCDMTBK Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  NVD07SCDMTBK Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVD07SCDMTBK Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVD07SCDMTBK Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
194
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/21/08
NVD
metal oxide varistor disc type
Type
a.c. r.m.s.
(v)
Maximum Allowable
Voltage
d.c.
(v)
V1A
Maximum
(2ms) Energy
V5A
lp (A)
Max. Peak Current
(2 pulses)
E (J)
Clamping
Voltage
applications and ratings
NVD
SCD018
16 - 22
11
14
0.3
50
40
––
––
––
––
––
NVD
UCD022
20 - 27
14
18
0.5
48
––
1.1
43
––
NVD
UCD027
25 - 32
17
22
0.7
60
––
1.3
53
––
NVD
UCD033
30 - 39
20
26
0.8
73
––
1.6
65
––
NVD
UCD039
37 - 47
25
31
0.9
125
86
––
1.9
250
77
––
NVD
UCD047
45 - 54
30
38
1.1
104
––
2.3
93
––
NVD
UCD056
52 - 62
35
45
1.3
123
––
2.7
110
––
NVD
UCD068
60 - 76
40
56
1.6
150
––
3.3
135
––
NVD
SCD082
74 - 90
50
65
1.7
200
––
145
3.5
600
––
135
NVD
UCD100
90 - 110
60
85
3.0
––
175
6.0
––
165
NVD
UCD120 108 - 132
75
100
3.5
––
210
7.0
––
200
NVD
UCD150 135 - 165
95
125
4.5
––
260
9.0
––
250
NVD
UCD200 185 - 225
130
170
6.0
––
355
12.5
––
340
NVD
UCD220 198 - 242
140
180
6.5
––
380
13.5
––
360
NVD
UCD240 216 - 264
150
200
7.5
600
––
415
15.0
1250
––
395
NVD
UCD270 247 - 303
175
225
8.0
––
475
17.0
––
455
NVD
UCD330 297 - 363
210
270
9.5
––
570
20.0
––
545
NVD
UCD360 342 - 396
230
300
11.0
––
620
23.0
––
595
NVD
UCD390 367 - 429
250
320
12.0
––
675
25.0
––
650
NVD
UCD430 407 - 473
275
350
13.5
––
745
27.5
––
710
NVD
UCD470 437 - 517
300
385
15.0
––
810
30.0
––
775
Varistor
Voltage
Vc Ic =
0.1mA (V)
NVD05UC
V2.5A
Maximum
(2ms) Energy
V10A
lp (A)
Max. Peak Current
(2 pulses)
E (J)
Clamping
Voltage
NVD07UC
Type
a.c. r.m.s.
(v)
Maximum Allowable
Voltage
d.c.
(v)
V5A
Max. (2ms)
Energy
V25A
lp (A)
Max. Peak
Current
(2 pulses)
E (J)
Clamping
Voltage
NVD
SCD018
16 - 22
11
14
––
––
––
––
––
––
––
––
––
––
––
NVD
UCD022
20 - 27
14
18
2.6
43
––
5.3
43
––
––
––
––
NVD
UCD027
25 - 32
17
22
3.2
53
––
6.5
53
––
––
––
––
NVD
UCD033
30 - 39
20
26
4.0
65
––
7.9
65
––
––
––
––
NVD
UCD039
37 - 47
25
31
4.4
500
77
––
9.4
1000
77
––
––
––
––
NVD
UCD047
45 - 54
30
38
5.7
93
––
11.0
93
––
––
––
––
NVD
UCD056
52 - 62
35
45
6.7
110
––
13.0
110
––
––
––
––
NVD
UCD068
60 - 76
40
56
8.2
135
––
16.0
135
––
––
––
––
NVD
SCD082
74 - 90
50
65
8.0
1250
––
135
14.0
2500
––
135
––
––
––
NVD
UCD100
90 - 110
60
85
12.0
––
165
18.0
––
165
––
––
––
NVD
UCD120 108 - 132
75
100
14.5
––
200
30.0
––
200
––
––
––
NVD
UCD150 135 - 165
95
125
18.0
––
250
37.5
––
250
––
––
––
NVD
UCD200 185 - 225
130
170
25.0
––
340
50.0
5000
––
340
100
340
NVD
UCD220 198 - 242
140
180
27.5
––
360
55.0
––
360
110
7000
360
NVD
UCD240 216 - 264
150
200
30.0
2500
––
395
60.0
––
395
120
395
NVD
UCD270 247 - 303
175
225
35.0
––
455
70.0
––
455
135
455
NVD
UCD330 297 - 363
210
270
42.0
––
545
80.0
––
545
––
––
NVD
UCD360 342 - 396
230
300
45.0
––
595
90.0
––
595
180
595
NVD
UCD390 367 - 429
250
320
50.0
––
650
100.0
4500
––
650
195
6500
650
NVD
UCD430 407 - 473
275
350
55.0
––
710
110.0
––
710
215
710
NVD
UCD470 437 - 517
300
385
60.0
––
775
125.0
––
775
250
775
Varistor
Voltage
Vc Ic =
0.1mA (V)
NVD10UC - NVD10UBC*
Max. (2ms)
Energy
lp (A)
E (J)
NVD14UC**
V10A V50A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Max. (2ms)
Energy
lp (A)
E (J)
NVD20UC
V100A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Add disk diameter
Add disk diameter
* Manufacturing range of NVD10UBC is varistor voltages 22 - 270
** NVD14C100 is applied
1733 Reader's Spreads pg1-203:document
1/27/09
4:31 PM
Page 192


Similar Part No. - NVD07SCDMTBK

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD07SC10OC KOA-NVD07SC10OC Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD07SC10UB KOA-NVD07SC10UB Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD07SCMHT KOA-NVD07SCMHT Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD07SCMJT KOA-NVD07SCMJT Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
NVD07SCMT KOA-NVD07SCMT Datasheet
169Kb / 12P
   Metal Oxide Varistor Disk Type
More results

Similar Description - NVD07SCDMTBK

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD10UCD200 KOA-NVD10UCD200 Datasheet
280Kb / 4P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 10mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com