Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN2S06TTEB Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # DN2S06TTEB
Description  diode terminator network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

DN2S06TTEB Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  DN2S06TTEB Datasheet HTML 1Page - KOA Speer Electronics, Inc. DN2S06TTEB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DN(X)
diode terminator network
Capacitance
@1Mhz
Leakage
Current
@7V
Part
Designation
ESD
Voltage
Capability
IEC 61000-4-2
Operating
Temperature
Range
Forward
Voltage
1F=50ma
Reverse
Breakdown
Voltage
1R=1ma
applications and ratings
Continuous
Forward
Current*
* One diode conducting
application schematic
Transient
Driver
Receiver
Transient
Suppressed
– Rail or GND
+ Rail
DN(X)
16kV
-55°C
to +125°C
7.2V
1uA
2pF
0.4 to 1.2V
50mA
Signal
Ringing
Driver
Receiver
Ringing
Eliminate
– Rail or GND
+ Rail
ESD Suppression
Signal Conditioning
DNA
DN2
DN3
DN4
DN5
DN6
DN7
ordering information
Package type symbol + number of pins
S03: 3 pin SOT23
S04: 4 pin SOT23
S06: 6 pin SOT23
N08: 8 pin Narrow SOIC
Q20: 20 pin QSOP
Q24: 24 pin QSOP
T: Sn
(Other termination
styles available,
contact factory
for options)
DNA
Q20
T
TEB
Termination
Material
Type
Package
Symbol
Packaging
New Part #
TE: 7" embossed plastic
TEB: 13" embossed
plastic tape
201
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/21/08
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:44 PM
Page 6


Similar Part No. - DN2S06TTEB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
DN2S06TTEB KOA-DN2S06TTEB Datasheet
211Kb / 2P
   diode terminator network
More results

Similar Description - DN2S06TTEB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
DNAG20TTEB KOA-DNAG20TTEB Datasheet
211Kb / 2P
   diode terminator network
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
   THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
American Accurate Compo...
TF120650FM AAC-TF120650FM Datasheet
140Kb / 3P
   CHIP TERMINATOR NETWORK - PECL, Fixed, & Power
logo
California Micro Device...
PDN001 CALMIRCO-PDN001 Datasheet
43Kb / 1P
   SCHOTTKY DIODE NETWORK
logo
Comchip Technology
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
   Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
   Diode Network / ESD Suppressor
logo
IRC - a TT electronics ...
DNR-QDN001 IRCTT-DNR-QDN001 Datasheet
382Kb / 2P
   Schottky Diode Termination Network
logo
Comchip Technology
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
   Diode Network / ESD Suppressor
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
   Diode Network / ESD Suppressor
logo
California Micro Device...
PDN003 CALMIRCO-PDN003 Datasheet
32Kb / 1P
   OCTAL SCHOTTKY DIODE NETWORK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com