Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL731JTTE22N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KL731JTTE22N
Description  Thin Film Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731JTTE22N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KL731JTTE22N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 7Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5. Marking
5-1 Coating and Marking Color
Coating color:
Dark blue
Direction mark color:
Yellow
5-2 Marking Method
Inductance value shall be indicated to two
letters marking of figures and alphabet.
(Example of marking)
L1
1.0nH
56
5.6nH
10
10nH
H6
47nH
See marking item on page 2, rating table.
Direction
mark
56
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. Please confir m technical specifications before you order and/or use.
PAGE 2 OF 7
SS-206 R6
Rating Table
4. Dimensions and Construction
KOA SPEER ELECTRONICS, INC.
Part
Designation
Inductance
(nH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
Inductance
Tolerance
250
200
150
120
100
0.50
1.0
4000
3000
25
10
2500
2000
1500
1.50
2.50
4.00
4.50
5.00
1000
600
200
5.6
KL731JTTE5N6*
6.8
KL731JTTE6N8*
8.2
KL731JTTE8N2*
10
KL731JTTE10N*
12
KL731JTTE12N*
15
KL731JTTE15N*
18
KL731JTTE18N*
22
KL731JTTE22N*
27
KL731JTTE27N*
33
KL731JTTE33N*
39
KL731JTTE39N*
47
KL731JTTE47N*
56
KL731JTTE56N*
68
KL731JTTE68N*
82
KL731JTTE82N*
G: ±2%
J: ±5%
* Add tolerance character (B, C, G, J)
C: ±0.2nH
10
15
0.10
650
450
350
20
13000
10000
8000
0.15
0.25
6000
5000
500
1.0
KL731JTTE1N0*
1.2
KL731JTTE1N2*
1.5
KL731JTTE1N5*
1.8
KL731JTTE1N8*
2.2
KL731JTTE2N2*
2.7
KL731JTTE2N7*
3.3
KL731JTTE3N3*
3.9
KL731JTTE3N9*
4.7
KL731JTTE4N7*
Insulation
Film
L
W
t
d
Ceramic
Substrate
Inner
Electrode
Coil
Pattern
Direction
Mark
c
c
Marking
Protective
Coating
Electrode
Type
L
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.1)
.012±.004
(0.3±0.1)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
1J
(0603)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)


Similar Part No. - KL731JTTE22N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731JTTE22N KOA-KL731JTTE22N Datasheet
133Kb / 4P
   thin film inductor
KL731JTTE22N KOA-KL731JTTE22N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL731JTTE22N KOA-KL731JTTE22N Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL731JTTE22N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com