Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL32TTE033 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KL32TTE033
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE033 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KL32TTE033 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTE033 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 8
TN-100 R3
5. Measurement Method of L and Q
Nominal Inductance
Measurement
Measuring
Range (µH)
Method
Frequency (MHz)
0.005 ~ 0.10
100
0.12 ~ 0.82
Please see Method-1
25.2
1.0 ~ 8.2
7.96
10 ~ 82
Please see Method-2
2.52
100 ~ 330
0.796
Method-1
Test Equipment:
Hewlett Packard RF Impedance analyzer 4191A
Fixture:
Hewlett Packard Spring clip fixture 16092A
Electrical Length:
2.10 cm
Setting:
Please see the following figure
KL32
Center Post
0.087
(2.2)
Spacer (Unmagnetic Insulator)
Slide Clip Terminal
Method-2
Test Equipment:
Hewlett Packard LF Impedance analyzer 4192
Fixture:
Hewlett Packard Test fixture 16034E
OSC Level:
0.3 V
6. Test Condition
Unless otherwise specified, the test shall be performed in accordance
with JIS-C-5202 specifying marking measurements as follows:
Ambient temperature: 20 ± 15°C
Relative humidity:
65 ± 20%
If there may be any doubt on results, measurements shall be made
within the following limits:
Ambient temperature: 20 ± 2°C
Relative humidity:
65 ± 5%


Similar Part No. - KL32TTE033

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE033 KOA-KL32TTE033 Datasheet
266Kb / 2P
   1210 molded wirewound inductor
KL32TTE033 KOA-KL32TTE033 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE033 KOA-KL32TTE033 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE033

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com