Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL731JTTE2N7 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KL731JTTE2N7
Description  thin film inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731JTTE2N7 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KL731JTTE2N7 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731JTTE2N7 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731JTTE2N7 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731JTTE2N7 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
214
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/18/08
KL73
thin film inductor
applications and ratings
For complete environmental specifications, please refer to pages 216.
Part
Designation
Inductance
(nH)
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
Inductance
Tolerance
250
200
150
120
100
0.50
1.0
4000
3000
25
10
2500
2000
1500
1.50
2.50
4.00
4.50
1000
600
200
5.6
KL731JTTE5N6*
6.8
KL731JTTE6N8*
8.2
KL731JTTE8N2*
10
KL731JTTE10N*
12
KL731JTTE12N*
15
KL731JTTE15N*
18
KL731JTTE18N*
22
KL731JTTE22N*
27
KL731JTTE27N*
33
KL731JTTE33N*
39
KL731JTTE39N*
47
KL731JTTE47N*
56
KL731JTTE56N*
68
KL731JTTE68N*
G: ±2%
J: ±5%
* Add tolerance character (B, C, G, J)
C: ±0.2nH
7
10
15
0.10
650
450
350
20
4000
3000
2500
2000
1500
1000
13000
10000
8000
0.15
0.25
6000
5000
1.00
1.50
2.00
3.00
5.00
150
200
500
200
250
300
350
450
5.6
KL731ETTP5N6*
6.8
KL731ETTP6N8*
8.2
KL731ETTP8N2*
10
KL731ETTP10N*
12
KL731ETTP12N*
15
KL731ETTP15N*
18
KL731ETTP18N*
22
KL731ETTP22N*
27
KL731ETTP27N*
33
KL731ETTP33N*
1.0
KL731JTTE1N0*
1.2
KL731JTTE1N2*
1.5
KL731JTTE1N5*
1.8
KL731JTTE1N8*
2.2
KL731JTTE2N2*
2.7
KL731JTTE2N7*
3.3
KL731JTTE3N3*
3.9
KL731JTTE3N9*
4.7
KL731JTTE4N7*
G: ±2%
J: ±5%
0.56
KL731ETTPN56B
0.68
B: ±0.1nH
B: ±0.1nH
C: ±0.2nH
7
10
14000
12000
10000
8000
6000
0.10
0.15
0.20
0.25
0.30
0.50
500
500
550
650
700
KL731ETTPN68B
0.82
1.0
KL731ETTPN82B
KL731ETTP1N0*
1.2
KL731ETTP1N2*
1.5
KL731ETTP1N5*
1.8
KL731ETTP1N8*
2.2
KL731ETTP2N2*
2.7
KL731ETTP2N7*
3.3
KL731ETTP3N3*
3.9
KL731ETTP3N9*
4.7
KL731ETTP4N7*
600
5000
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:50 PM
Page 19


Similar Part No. - KL731JTTE2N7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731JTTE2N7 KOA-KL731JTTE2N7 Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731JTTE2N7 KOA-KL731JTTE2N7 Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL731JTTE2N7 KOA-KL731JTTE2N7 Datasheet
545Kb / 4P
   Excellent for high frequency applications
More results

Similar Description - KL731JTTE2N7

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com