Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHL1ECTTP22N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MHL1ECTTP22N
Description  multilayer ceramic inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1ECTTP22N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MHL1ECTTP22N Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1ECTTP22N Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1ECTTP22N Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMS 300 neg.
Black neg.
206
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/06/07
MHL
multilayer ceramic inductor
Part
Designation
Inductance
L (nH)
Inductance
Tolerance
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Typical
(MHz)
1.0
1.2
S: ±0.3nH
S: ±0.3nH
J: ±5%
J: ±5%
8
10
8
10
14
15
18
19
16
––
46
36
10000
6000
4000
3900
3500
3200
2600
2300
2000
1600
1400
1200
1100
900
750
600
6000
4000
3500
3200
2600
2300
2000
1600
1400
0.12
0.13
300
200
150
0.14
0.16
0.17
0.19
0.22
0.24
0.27
0.32
0.37
0.42
0.50
0.55
0.65
0.8
0.9
1.0
1.2
1.3
1.4
1.6
34
32
31
30
28
26
24
23
21
11
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
27
Operating
Temperature
Range
MHL1ECTTP1N0*
MHL1ECTTP1N2*
MHL1ECTTP1N5*
MHL1ECTTP1N8*
MHL1ECTTP2N2*
MHL1ECTTP2N7*
MHL1ECTTP3N3*
MHL1ECTTP3N9*
MHL1ECTTP4N7*
MHL1ECTTP5N6*
MHL1ECTTP6N8*
MHL1ECTTP8N2*
MHL1ECTTP10N*
MHL1ECTTP12N*
MHL1ECTTP15N*
MHL1ECTTP18N*
MHL1ECTTP22N*
MHL1ECTTP27N*
MHL1ECTTP33N*
MHL1ECTTP39N*
MHL1ECTTP47N*
MHL1ECTTP56N*
MHL1ECTTP68N*
MHL1ECTTP82N*
MHL1ECTTPR10*
MHL1JCTTD1N5*
MHL1JCTTD1N8*
MHL1JCTTD2N2*
MHL1JCTTD2N7*
MHL1JCTTD3N3*
MHL1JCTTD3N9*
MHL1JCTTD4N7*
MHL1JCTTD5N6*
MHL1JCTTD6N8*
MHL1JCTTD8N2*
MHL1JCTTD10N*
MHL1JCTTD12N*
MHL1JCTTD15N*
MHL1JCTTD18N*
MHL1JCTTD22N*
MHL1JCTTD27N*
MHL1JTTTD27N*
-55°C
to
+125°C
-55°C
to
+125°C
Minimum
(100MHz)
Typical
(800MHz)
Typical
(100MHz)
Q
0.10
0.13
0.15
0.20
0.23
0.25
0.28
0.30
0.35
0.40
0.45
0.50
0.55
*Add tolerance character (S, J)
For complete environmental specifications,
please refer to pages 208-209.
15
1200
33
MHL1JCTTD33N*
0.60
37
500
600
1000
180
100
––
120
MHL1ECTTPR12*
NEW
12
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:47 PM
Page 11


Similar Part No. - MHL1ECTTP22N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1ECTTP22N KOA-MHL1ECTTP22N Datasheet
150Kb / 6P
   Multilayer Ceramic Inductors
More results

Similar Description - MHL1ECTTP22N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1ECTTE3N9S KOA-MHL1ECTTE3N9S Datasheet
215Kb / 2P
   multilayer ceramic inductor
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
   MULTILAYER CERAMIC CHIP INDUCTOR
logo
Filtran LTD
8430 FILTRAN-8430 Datasheet
152Kb / 4P
   MULTILAYER Ceramic Chip Inductor
logo
Wurth Elektronik GmbH &...
744784039A WURTH-744784039A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784133A WURTH-744784133A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784139A WURTH-744784139A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786056A WURTH-744786056A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478215 WURTH-74478215 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478222 WURTH-74478222 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478227 WURTH-74478227 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com