Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL32TTE005 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KL32TTE005
Description  Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE005 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KL32TTE005 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 4Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 5Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 6Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 7Page - KOA Speer Electronics, Inc. KL32TTE005 Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 8
TN-100 R3
7. Reliability Data
7-1 Electrical Characteristics
Item
Requirement
Test Method
DC Bias
Characteristic
Δ L/L: Within - 10%
Measure inductance with application
of rated current using LCR meter to
compare it with the initial value.
Dielectric
Withstanding
Voltage
No fuming, flaming,
or breakdown
5 seconds at DC 1000V between
terminal 1 (one electrode of inductor)
and terminal 2 (the thin copper wire
which is wound around the inductor
more than twice).
Insulation
Resistance
More than 1000MΩ
Measure resistance immediately after
1 minute passed since DC 500V was
applied between terminal 1 and 2.
7-2 Mechanical Characteristics
Item
Requirement
Test Method
Terminal Pull
Strength
No damage
Terminals shall withstand a pull
of 0.5kgf in a horizontal direction.
Terminal Bending
Strength
No damage
Specimen shall be soldered on PCB-A
(see figure below) and support by
applying strength so that the bending
width becomes 10 mm.
Adhesive Agent Spreading Area
ø 0.177
(ø 4.5)
1.575 (40.0)
0.197 (5.0)
3.937 (100.0)
0.197 (5.0)
1.77 (45.0)
1.77 (45.0)
Soldering
Chip Inductor
0.063 (1.6)
Solder Resist
ø 0.394 x 1.969
(ø 10 x 50) (Support Stick)
0.087 (2.2)
0.039 (1.0)
0.079 (2.0)
(a) Board
(b) Install
Thickness: 1.6 mm
Material: Paper Phenol
Units: inches (mm)


Similar Part No. - KL32TTE005

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE005 KOA-KL32TTE005 Datasheet
266Kb / 2P
   1210 molded wirewound inductor
KL32TTE005 KOA-KL32TTE005 Datasheet
327Kb / 3P
   1210 molded wirewound inductor
KL32TTE005M KOA-KL32TTE005M Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE005

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com