Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGM0603ECTTE4702A Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KGM0603ECTTE4702A
Description  Three Termination Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KGM0603ECTTE4702A Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KGM0603ECTTE4702A Datasheet HTML 1Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 2Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 3Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 4Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 5Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 6Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 7Page - KOA Speer Electronics, Inc. KGM0603ECTTE4702A Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SS-227 R2
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 8
KOA SPEER ELECTRONICS, INC.
7. Pattern design
The land pattern is recommended as follows.
(unit: mm)
Item
Requirement
Conditions
Insulation Resistance
Min 1000M ohms
Applied rated voltage for 60 seconds.
Capacitance
Within the tolerance
Frequency: 1kHz
Voltage: 1Vrms
DC Resistance
Max 60m ohms
DC: 0.3V Max.
Dielectric Withstanding
No break down
Applied 250% of the rated voltage for 1 to 5
Strength
seconds. Limit surge current 50mA max.
8. Characteristics
6.5
3.5
0.8
ø 0.5
Through Hole
0.6
0.4
1.4
2.8
ø 0.3
Resist
Through Hole
Connect to
ground pattern
of mounting side
Ground
Pattern
0603, 0805, 1206,
1812 Back Side
0805 Chip
Mounting Side
1812 Chip
Mounting Side
0.8
1.0
2.4
5.0
ø 0.5 Through
Hole
Resist
1206 Chip
Mounting Side
0.6
0.4
1.2
2.4
ø 0.3
Resist
Through Hole
0603 Chip
Mounting Side


Similar Part No. - KGM0603ECTTE4702A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KGM0603ECTTE2201A KOA-KGM0603ECTTE2201A Datasheet
106Kb / 3P
   three-terminal capacitor
KGM0603ECTTE2202A KOA-KGM0603ECTTE2202A Datasheet
106Kb / 3P
   three-terminal capacitor
KGM0603ECTTE2204A KOA-KGM0603ECTTE2204A Datasheet
106Kb / 3P
   three-terminal capacitor
More results

Similar Description - KGM0603ECTTE4702A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KCR1206T1 KOA-KCR1206T1 Datasheet
95Kb / 6P
   Three Termination Capacitor/Resistor EMI Filter for Signal Lines
KGM0603C KOA-KGM0603C Datasheet
106Kb / 3P
   three-terminal capacitor
KCR1206T KOA-KCR1206T Datasheet
103Kb / 3P
   three-terminal capacitor/resistor
KC1JTTD KOA-KC1JTTD Datasheet
109Kb / 3P
   three-terminal inductor/capacitor
logo
Motorola, Inc
MC3448A MOTOROLA-MC3448A Datasheet
424Kb / 5P
   QUAD THREE-STATE BUS TRANSCEIVER WITH TERMINATION NETWORKS
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
logo
Murata Manufacturing Co...
GRJ31CR72E473KWJ3 MURATA-GRJ31CR72E473KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21AR72E472KWJ1 MURATA-GRJ21AR72E472KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ21BR72E153KWJ3 MURATA-GRJ21BR72E153KWJ3 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
GRJ31BR72J332KWJ1 MURATA-GRJ31BR72J332KWJ1 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor Soft Termination Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com