Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL1JHTTDR33 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MCL1JHTTDR33
Description  multilayer ferrite inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL1JHTTDR33 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MCL1JHTTDR33 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL1JHTTDR33 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL1JHTTDR33 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMS 300 neg.
Black neg.
202
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08
MCL
multilayer ferrite inductor
features
Monolithic structure for closed magnetic path
eliminates crosstalk and provides high reliability
in a wide temperature and humidity range
Standard EIA packages: 1J, 2A, 2B
Nickel barrier with solder overcoat for excellent
solderability
Magnetically shielded
Marking: Black body color with no marking
Products with lead-free terminations meet
EU RoHS requirements
For further information on packaging, please refer to Appendix A.
ordering information
K: ±10%
M: ±20%
T: Sn
047 = 0.047µH
R10 = 0.100µH
1J
2A
2B
TD: 7" paper tape
(1J - 4,000 pieces/reel
2A - 0.047µH ~ 2.2µH =
4,000 pieces/reel)
TE: 7" embossed plastic
(2A - 2.7µH ~ 10µH =
3,000 pieces/reel
2B - 3,000 pieces/reel)
MCL
Type
Size
Code
Nominal
Inductance
Tolerance
Termination
Material
Packaging
New Part #
1J
Permeability
Code:
H
J
Material
H
TE
R10
K
T
dimensions and construction
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
L
.063±.006
(1.6±0.15)
.031±.006
(0.8±0.15)
.014±.006
(0.36±0.15)
.031±.006
(0.8±0.15)
Wt
d
Dimensions inches
(mm)
1J
(0603)
.079±.008
(2.0±0.2)
.049±.008
(1.25±0.2)
.02±.01
(0.51±0.25)
.035±.008
(0.9±0.2)
2A
(0805)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.02±.01
(0.51±0.25)
.043±.008
(1.1±0.2)
2B
(1206)
Size
Code
Part
Designation
Inductance
L (µH)
Minimum
Q
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
L.Q. Test
Frequency
(MHz)
Self Resonant
Frequency
Typical
(MHz)
0.047
0.068
10
15
50
260
250
0.30
0.50
0.60
0.80
50
245
240
205
180
165
150
136
25
0.082
0.10
0.12
0.15
0.18
0.22
0.27
Operating
Temperature
Range
MCL1JHTTD047M
MCL1JHTTD068M
MCL1JHTTD082M
MCL1JHTTDR10*
MCL1JHTTDR12*
MCL1JHTTDR15*
MCL1JHTTDR18*
MCL1JHTTDR22*
MCL1JHTTDR27*
-55°C
to
+125°C
* Add tolerance character (K, M) - Other tolerances available upon request
EU
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:44 PM
Page 7


Similar Part No. - MCL1JHTTDR33

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MCL1JHTTDR33 KOA-MCL1JHTTDR33 Datasheet
181Kb / 6P
   Multi Layer Ferrite Inductors
More results

Similar Description - MCL1JHTTDR33

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
Abracon Corporation
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
logo
XFMRS Inc.
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTOR
XFEI201209-1R0K XFMRS-XFEI201209-1R0K Datasheet
31Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
CB05YTYN102 ETC2-CB05YTYN102 Datasheet
141Kb / 8P
   Multilayer Ferrite Chip Bead Inductor
logo
Abracon Corporation
AIML-1008HC ABRACON-AIML-1008HC Datasheet
698Kb / 3P
   Multilayer Ferrite Chip Inductor (High Current)
03.04.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com