Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT101AXNT52A10FF Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SDT101AXNT52A10FF
Description  platinumthin film thermal sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDT101AXNT52A10FF Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDT101AXNT52A10FF Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDT101AXNT52A10FF Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
162
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/20/08
SDT101
platinum thin film thermal sensors
features
Stable characteristics even in use for a long time
with an excellent environment resistance
Marking: Ivory coating for SDT101A
Transparent brown coating for SDT101B
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
X: 0°C
Y: 25°C*
A:
-55°C~+150°C
B:
-55°C~+300°C
Nil: Bulk
A: AMMO
(A only)
SDT101
Type
Temperature
Range
Reference
Temperature
Packaging
New Part #
A
A
X
D: ±0.5%
F: ±1%
Resistance
Tolerance
D
d
D
Marking
(A only)
Insulation Coating
Electrode
Cap
Lead
Wire
L
l
Platinum
Thin Film
Trimming
Line
Ceramic
Core
dimensions and construction
L
1.18±.118
(30±3)
.016±.003
(0.4±0.08)
.063±.008
(1.6±0.2)
.157±.031
(4.0±0.8)
SDT101A
D
d (Nom.)
l
Dimensions inches
(mm)
Type
ordering information
10: 10
100: 100
500: 500
Nominal
Resistance
100
Resistance
Tolerance
Thermal
Dissipation
Constant*
T.C.R.
(ppm/°C)
Part
Designation
T.C.R.
Tolerance
(ppm/°C)
Operating
Temperature
Range
Power
Rating
@ 70°C*
Thermal
Time
Constant*
applications and ratings
SDT101A
D: ±0.5%
F: ±1%
F: ±1%
G: ±2%
-55°C to
+150°C
6 seconds
3500
2.8mW/°C
0.125W
Rated
Ambient
Temperature
+70C
*
Thermal time constant and thermal dissipation constant are reference values, which are values of elements and vary with connecting
or fixing methods. T.C.R. measuring temperature: 0°C/+100°C
1.18±.118
(30±3)
.016±.003
(0.4±0.08)
.059±.008
(1.5±0.2)
.157±.031
(4.0±0.8)
SDT101B
F: ±1%
G: ±2%
T.C.R.
Tolerance
F
Nil: Bulk
T26: 26mm
taping
(A only)
T52: 52mm
taping
(A only)
Taping
T26
C: SnCu
(A only)
N: Ni
(B only)
Terminal Surface
Material
C
* Products of resistances measures at 25°C are also available.
(But T.C.R.s will be measured at 0°C/100°C.) Consult the factory.
Resistance
Range
10
Ω, 100Ω,
500
SDT101B
-55°C to
+300°C
9 seconds
1.8mW/°C
+200C
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 160


Similar Part No. - SDT101AXNT52A10FF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDT101AXNT52A10FF KOA-SDT101AXNT52A10FF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
More results

Similar Description - SDT101AXNT52A10FF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
SDT73V2B KOA-SDT73V2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors (for automotive)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
logo
Humirel
SA10111 HUMIREL-SA10111 Datasheet
570Kb / 1P
   SA series, high-precision,Pt-film thermal sensors.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com