Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFC1608VTR40 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # HFC1608VTR40
Description  High Frequency Ceramic Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1608VTR40 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  HFC1608VTR40 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 5Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 6Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 7Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 8Page - KOA Speer Electronics, Inc. HFC1608VTR40 Datasheet HTML 9Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NEW
SS-226 R3
AHA 8/12/04
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
PAGE 1 OF 9
High Frequency Ceramic Capacitor
HFC Series
1. Features
I Suitable for surface mounting. (Chip type)
I Low dielectric loss at high frequency. ( High Q)
I Narrow tolerance of capacitance
I Excellent temperature characteristics
I High reliability and no polarity by single layer ceramic substrate construction
I 0.10 ~ 1.10 pF available by 0.05 pF range (HFC1005 series)
I 0.10 ~ 1.20 pF available by 0.05 pF range (HFC1410, 1608, 1610, 1612 series)
3. Type Designation
Type designation shall be as the following form.
KOA SPEER ELECTRONICS, INC.
CERTIFIED
2. Applications
I Microwave circuit
I Mobile phone headset
I Others
HFC
1608
C
T
TD
R10
Type
Size
Material
Termination
Packaging
Nominal
Code
Material
Capacitance
1005: 1.0 x 0.5 mm
B
T= 100%
TD: Paper Tape
2 Significant
1410: 1.4 x 1.0 mm
CTin
(1005 only-10,000 pcs/reel)
digits +
1608: 1.6 x 0.8 mm
G
TE: Embossed Taping
zeros with
1610: 1.6 x 1.0 mm
H
1410: 3,000 pcs/reel
R as
1612: 1.6 x 1.2 mm
K
1608: 4,000 pcs/reel
decimal
N
1610: 3,000 pcs/reel
S
1612: 3,000 pcs/reel
T
V
4. Dimensions
W
T
L
Part
1005
Table 1
0.039±0.006
(1.00±0.15)
0.020±0.004
(0.50±0.10)
0.020±0.004
(0.50±0.10)
LWT
Dimensions - inches (mm)
1410
0.055±0.006
(1.40±0.15)
0.039±0.004
(1.00±0.10)
0.039±0.004
(1.00±0.10)


Similar Part No. - HFC1608VTR40

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1608VTTDR10 KOA-HFC1608VTTDR10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
HFC1608VTTER10 KOA-HFC1608VTTER10 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
More results

Similar Description - HFC1608VTR40

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HFC1005 KOA-HFC1005 Datasheet
120Kb / 5P
   high frequency ceramic capacitor
logo
Murata Manufacturing Co...
GQM1885C2A3R6CB01 MURATA-GQM1885C2A3R6CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR10BB01 MURATA-GQM1885C2AR10BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR40BB01 MURATA-GQM1885C2AR40BB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR50BB01 MURATA-GQM1885C2AR50BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2AR75BB01 MURATA-GQM1885C2AR75BB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C2A3R9CB01 MURATA-GQM2195C2A3R9CB01 Datasheet
565Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM1885C2A4R7WB01 MURATA-GQM1885C2A4R7WB01 Datasheet
578Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H330GB01 MURATA-GQM2195C1H330GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
GQM2195C1H101GB01 MURATA-GQM2195C1H101GB01 Datasheet
564Kb / 25P
   RF HIGH FREQUENCY CHIP MONOLITHIC CERAMIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com