Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGE323T Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # PGE323T
Description  unidirectional esd / transient suppressor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PGE323T Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  PGE323T Datasheet HTML 1Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PGE
unidirectional esd / transient suppressor
features
(16kV) IEC 61000-4-2 rating
SOD-323 package
Color band denotes cathode end
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
TE: 7" embossed
plastic tape
PGE
323
TE
36V
Packaging
Type
Package
Code
Working Voltage
New Part #
For further information on packaging, please refer to Appendix A.
dimensions
and construction
5V0
12V
24V
36V
applications
ESD suppression
Transient suppression
Automotive CAN bus
circuit
schematic
Package
Code
W ±0.2
L ±0.2
Pins
Dimensions inches
(mm)
2
.098
(2.5)
.049
(1.25)
323
Pack.
Power
100mw
c ±0.2
.067
(1.7)
Pkg Ht
±0.05
.039
(1.0)
d ±0.05
.014
(0.35)
L
c
d
W
e
2
1
T: Sn
T
Lead
Plating
e ±0.1
.012
(0.3)
Peak ESD
Voltage
Capability
IEC 61000-4-2
Capacitance
@ 1 Mhz
(Typ)
Leakage
Current
(Max)
Part
Designation
Working
Voltage
Diode
Breakdown
Voltage
IF= 1 ma (Min)
applications and ratings
PGE
16kV
39
1.0uA@36V
25pF
36V
Pulse
Current
8/20us
(Repetitive)
1A
application schematic
Connector
Transceiver
Gnd.
Vp (Transient)
V clamp
0 V
16kV
27
1.0uA@24V
30pF
24V
2.2A
16kV
15
1.0uA@12V
50pF
12V
2.5A
16kV
6.0
2.0uA@5V
80pF
5V0
5.0A
Operating
Temperature
-55°C
to
+125°C
EU
199
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/24/08
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:44 PM
Page 4


Similar Part No. - PGE323T

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60802 ERICSSON-PGE60802 Datasheet
232Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60816 ERICSSON-PGE60816 Datasheet
285Kb / 4P
   EDFA Gain Block for DWDM Applications
PGE60817 ERICSSON-PGE60817 Datasheet
285Kb / 4P
   EDFA Gain Block for DWDM Applications
More results

Similar Description - PGE323T

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPEV COMCHIP-CPEV Datasheet
44Kb / 2P
   Unidirectional ESD / Transient Suppressor
logo
New Jersey Semi-Conduct...
1N6290A NJSEMI-1N6290A Datasheet
68Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6292 NJSEMI-1N6292 Datasheet
85Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5645 NJSEMI-1N5645 Datasheet
82Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5645A NJSEMI-1N5645A Datasheet
76Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5643A NJSEMI-1N5643A Datasheet
73Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5655A NJSEMI-1N5655A Datasheet
82Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5646 NJSEMI-1N5646 Datasheet
76Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6435A NJSEMI-1N6435A Datasheet
92Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
1N5653A NJSEMI-1N5653A Datasheet
66Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com