Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1E2NTTDD Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # CN1E2NTTDD
Description  Flat Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1E2NTTDD Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  CN1E2NTTDD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1E2NTTDD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN1E2NTTDD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CN1E2NTTDD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8. Packaging Specifications
8.1 Paper Tape Dimensions
SS-242 R7
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 4
KOA SPEER ELECTRONICS, INC.
9. Body Color
9.1 Body Convex
Body Color:
Black
Marking Color:
White
9.2 Marking
±5%
3-digit number
103   10000Ω   10kΩ
±1%
4-digit number
1002   10000Ω   10kΩ
1F8
3.8±0.1
1.6±0.2
0.44±0.1
TP
5000
4.0±0.1
1.8±0.1
8.0±0.2
2.0±0.05
0.55±0.1
178
1E2K
1.00
1
0.35
TP
10000
1.2±0.1
1.2±0.1
8.0±0.2
2.0±0.05
0.45±0.1
178
1E4/1E4K
TP
10000
2.2±0.1
1.2±0.1
8.0±0.2
2.0±0.05
0.45±0.1
178
TD
5000
1.9±0.1
1.9±0.1
8.0±0.2
4.0±0.1
0.6+0.2/-0
178
CN_K
1J2/1J2K
1.60
0.6/0.5
0.75+0.2/-0/
1.6
TDD
10000
1.9±0.1
1.1±0.1
8.0±0.2
4.0±0.1
0.6+0.2/-0
255
0.75+0.2/-0/
TD
5000
3.5±0.1
2.0±0.1
8.0±0.2
4.0±0.1
0.75+0.2/-0/
178
1J4/1J4K
3.20
0.6/0.5
TDD
10000
1.9±0.1
1.1±0.1
8.0±0.2
4.0±0.1
0.75+0.2/-0/
255
0.6+0.2/-0
Type
Component Size (mm)
L
W
T
Quantity/
Reel
(Pieces)
Taping (mm)
Reel
Size
A
B
W
P1
T1
Carrier
Tape
(Notes) Reel holes, shapes and design are examples
(Notes) Dotted lines are applicable to only "TP" and "TB."
ø13
ød
e
Central hole
(mm)
Reel
T1
(TP)
P1
B
1.5 +0.1
-0
P1
2.0 4.0±0.1
Direction of feed
T1
T1
Carrier Tape
Type
ød (mm) e (mm)
All
21
2


Similar Part No. - CN1E2NTTDD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1E2NTTDD101F KOA-CN1E2NTTDD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1E2NTTDD101J KOA-CN1E2NTTDD101J Datasheet
108Kb / 2P
   convex termination with square corners resistor array
More results

Similar Description - CN1E2NTTDD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com