Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCO190-2275TY Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # VCO190-2275TY
Description  VCO Product Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

VCO190-2275TY Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  VCO190-2275TY Datasheet HTML 1Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCO Product Specification
Model:
VCO190-2275T(Y)
Rev: P1
Date: 9/1/2006
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -40 ° to 85 ° C)
RoHS Compliant
To order models as RoHS Compliant add "Y" suffix to base
model number.
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
2200
2350
MHz
X
Tuning Voltage:
2200 MHz
1
2
Vdc
X
2350 MHz
8
10
Vdc
X
Tuning Sensitivity -
15
30
40
MHz/V
X
Output Power -
2
5
8
dBm
X
Output Phase Noise - 100 kHz
-122
-116
dBc/Hz
X
Power Supply -
4.9
5
5.1
Volts
Supply Current -
15
40
mA
X
Harmonic Suppression:
2nd Harmonic
-15
-10
dBc
X
3rd Harmonic
-20
-10
dBc
X
Spurious (Non-Harmonic) -
-90
dBc
Frequency Pushing - 4.9-5.1V
1
3
MHz p-p
Frequency Pulling - 12dB RL
3
5
MHz p-p
Tuning Port Capacitance -
15
pF
Output Impedance -
50
Package Information
Package Type:
T (0.5 x 0.5 x 0.156 inches
)
Drawing Number:
60035
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988


Similar Part No. - VCO190-2275TY

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
VCO190-2275TY RFMD-VCO190-2275TY Datasheet
277Kb / 3P
   5V NARROWBAND VOLTAGE CONTROLLED
More results

Similar Description - VCO190-2275TY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCO190-450AT ETC-VCO190-450AT Datasheet
262Kb / 1P
   VCO Product Specification
logo
SIRENZA MICRODEVICES
VCO190-112T SIRENZA-VCO190-112T Datasheet
149Kb / 1P
   VCO Product Specification
VCO190-836MT SIRENZA-VCO190-836MT Datasheet
273Kb / 1P
   VCO Product Specification
VCO190-880T SIRENZA-VCO190-880T Datasheet
149Kb / 1P
   VCO Product Specification
VCO190-940T SIRENZA-VCO190-940T Datasheet
147Kb / 1P
   VCO Product Specification
VCO191-888U SIRENZA-VCO191-888U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-938U SIRENZA-VCO191-938U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-947U SIRENZA-VCO191-947U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-967X SIRENZA-VCO191-967X Datasheet
148Kb / 1P
   VCO Product Specification
VCO190-1007U SIRENZA-VCO190-1007U Datasheet
148Kb / 1P
   VCO Product Specification
VCO190-1100T SIRENZA-VCO190-1100T Datasheet
149Kb / 1P
   VCO Product Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com