Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT310AP500 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SDT310AP500
Description  small type platinumthin film thermal sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDT310AP500 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDT310AP500 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDT310AP500 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDT310AP500 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
164
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/06/09
*
[t] is a measuring temperature indicated at °C that is not related to marking + or -. **
T.C.R. measuring temperature: o°C/+100°C.
***
Thermal time constant and thermal dissipation constant are values measured in stationary air and are typical values, which are values of elements and vary with connecting or fixing methods.
**** Specified current is a current value that is used at reliability test under the condition of self heat-generation that can be disregarded.
Recommended measuring currents are 1mA for 100
Ω and 0.1mA for 500Ωor 1kΩ.
SDT310
small type platinum thin film thermal sensors
features
T.C.R. is in accordance with JIS-DIN standards
The small package with a real ability of 1k
Ω resistance
Thermal time constant is improved with the small package
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
LT: -55°C~+155°C
Nil: -55°C~+400°C
MT: -55°C~+650°C
Nil: Standard
A
N
C: SnCu (SDT310LT,
SDT310HLT)
P: Pt clad wire
(SDT310, SDT310A)
M: PtIr (SDT310MT)
SDT310
Type
Size Code
T.C.R.
(x 10-6/K)
Temperature
Range
Terminal Surface
Temperature
New Part #
2B
C
3850
LT
A: ±(0.15+0.002[t])
B: ±(0.3+0.005[t])
C: ±(1.0+0.01[t])
K: ±10%(SDT310A)
Class
B
W
L
t
d
f
Protective
Coating
Lead Weld
Reinforcing Coating
Lead Wire
Welding
Point
Ceramic
Substrate
Platinum
Thin Film
l
dimensions
and construction
L
SDT310AP
Wt
f
d (Nom.)
Dimensions inches
(mm)
Type
ordering information
100: 100
500: 500
1K: 1k
Nominal
Resistance
100
Thermal
Time
Constant***
Resistance
Tolerance
Thermal
Dissipation
Constant***
Part
Designation
T.C.R.
(ppm/°C)**
Operating
Temperature
Range
Resistance
Range
@ 0°C
Class:
Tolerance of
Measuring
Temperature*
applications and ratings
SDT310LTC
-55°C to
+155°C
B:±(0.3+0.005 [t])
±0.12%
100
Ω, 500Ω,
1k
Specified
Current****
.043±.010
(1.1±0.25)
.012±.004
(0.3±0.10)
SDT310LTC
SDT310MTM
.118±.010
(3.0±0.25)
.197±.004
(5.0±0.10)
SDT310P
.008±.002
(ø0.2±0.05)
l
.315±.079
(8±2)
.315±.079
(8±2)
.079±.010
(2.0±0.25)
.047±.004
(1.2±0.10)
.047 max.
(1.2 max.)
.043 max.
(1.1 max.)
.394
+.179
-.079
(10 +5 )
-2
.394
+.179
-.079
(10 +5 )
-2
SDT310P
7 seconds in
stationary air
3850
-55°C to
+400°C
0.9mW/°C
1.0mW/°C
100
Ω, 500Ω,
1k
1mA max.
SDT310MTM
-55°C to
+650°C
100
-55°C to
+400°C
1.0mW/°C
C:±(1.0+0.01 [t])
A:±(0.15+0.002 [t])
±0.059%
A:±(0.15+0.002 [t])
±0.059%
±0.39%
SDT310HLTC
-55°C to
+155°C
B:±(0.3+0.005 [t])
±0.12%
1k
C:±(1.0+0.01 [t])
A:±(0.15+0.002 [t])
±0.059%
±0.39%
B:±(0.3+0.005 [t])
±0.12%
C:±(1.0+0.01 [t])
±0.39%
B:±(0.3+0.005 [t])
±0.12%
C:±(1.0+0.01 [t])
±0.39%
SDT310AP
6 seconds in
stationary air
2.7 seconds in
stationary air
10
±10%
–––
EU
SDT310HLTC
(1K
Ω)
.079±.004
(2.0±0.10)
SDT310HLTC
(100
Ω)
.031±.008
(0.8±0.2)
__
Protective
Coating
Lead Weld
Reinforcing Coating
Lead Wire
Welding
Point
Ceramic
Substrate
Platinum
Thin Film
W
Ll
d
t
l
SDT310, SDT310LTC,
SDT310HLTC,
SDT310MT
SDT310A
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 162


Similar Part No. - SDT310AP500

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDT310AP KOA-SDT310AP Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
More results

Similar Description - SDT310AP500

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT73V2B KOA-SDT73V2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors (for automotive)
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
logo
Humirel
SA10111 HUMIREL-SA10111 Datasheet
570Kb / 1P
   SA series, high-precision,Pt-film thermal sensors.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com