Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSTS7303 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSTS7303
Description  GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSTS7303 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSTS7303 Datasheet HTML 1Page - Vishay Siliconix TSTS7303 Datasheet HTML 2Page - Vishay Siliconix TSTS7303 Datasheet HTML 3Page - Vishay Siliconix TSTS7303 Datasheet HTML 4Page - Vishay Siliconix TSTS7303 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSTS730.
Vishay Telefunken
1 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81048
GaAs IR Emitting Diodes in Hermetically Sealed TO18
Case
Description
The TSTS730. series are infrared emitting diodes in
standard GaAs technology in a hermetically sealed
TO–18 package. Their glass lenses provide a high ra-
diant intensity without external optics.
Features
D High radiant intensity
D Suitable for pulse operation
D Angle of half intensity ϕ = ± 12°
D Peak wavelength lp = 950 nm
D High reliability
D Good spectral matching to Si photodetectors
94 8642
Applications
Radiation source in near infrared range
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
Tcase x 25 °C
IF
250
mA
Peak Forward Current
tp/T = 0.5, tp x 100 ms,
Tcase x 25 °C
IFM
500
mA
Surge Forward Current
tp x 100 ms
IFSM
2.5
A
Power Dissipation
PV
170
mW
Tcase x 25 °C
PV
500
mW
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
–55...+100
°C
Thermal Resistance Junction/Ambient
RthJA
450
K/W
Thermal Resistance Junction/Case
RthJC
150
K/W


Similar Part No. - TSTS7303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTS7300 VISHAY-TSTS7300 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7300 VISHAY-TSTS7300 Datasheet
140Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
TSTS7300 VISHAY-TSTS7300 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
TSTS7300 VISHAY-TSTS7300_08 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7300 VISHAY-TSTS7300_V01 Datasheet
140Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
More results

Similar Description - TSTS7303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
logo
Seme LAB
2N2412X SEME-LAB-2N2412X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BFY74 SEME-LAB-BFY74 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18
2N3007 SEME-LAB-2N3007 Datasheet
14Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO18
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
CV7477 SEME-LAB-CV7477 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com