Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZB1EGTTE120P Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CZB1EGTTE120P
Description  Multi Layer Ferrite Chip Beads
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZB1EGTTE120P Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CZB1EGTTE120P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SS-219 R15
AHA 1/12/07
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 15
Multi Layer Ferrite Chip Beads
Type CZB
Designed to reduce noise at high frequencies
Standard EIA Packages: 1E, 1J, 2A, 2B
Nickel barrier with solder overcoat for excellent solderability
Magnetically shielded
Part
1J
(0603)
2A
(0805)
2B
(1206)
2. Dimensions
1. General
Table 1
0.063±0.006
(1.60±0.15)
0.079±0.008
(2.00±0.20)
0.049±0.008
(1.25±0.20)
0.035±0.008
(0.90±0.20)
0.020±0.010
(0.51±0.25)
0.126±0.008
(3.20±0.20)
0.063±0.008
(1.60±0.20)
0.043±0.008
(1.10±0.20)
0.020±0.010
(0.51±0.25)
0.031±0.006
(0.80±0.15)
0.031±0.006
(0.80±0.15)
0.014±0.006
(0.36±0.15)
LW
t
d
Dimensions - inches (mm)
W
L
d
t
d
Terminations
(Metallization
Bands)
Electrodes
Ni
Plating
Silver
Metallization
Solder
Plating
KOA SPEER ELECTRONICS, INC.
1E
(0402)
0.039±0.004
(1.00±0.10)
0.020±0.004
(0.50±0.10)
0.020±0.004
(0.50±0.10)
0.010±0.004
(0.25±0.10)
3. Type Designation
The type designation shall be in the following form:
CERTIFIED
CERTIFIED
Size
Tolerance
Impedence
1E
1J
2A
2B
P: ±25%
2 significant
figures + 1
multiplier
1E
P
120
Packaging
TP: 7" Paper Tape
(1E only - 10,000 pcs/reel)
TD: 7" Paper Tape
(1J - 4,000 pcs/reel)
(2A - 0.70Ω-2.02Ω - 4,000
pcs/reel; 2.22Ω - 2,000 pcs/reel
TE: 7" Embossed Plastic
(2B - 3,000 pcs/reel)
TP
Termination
Material
T: Sn
T
CZB
Type
Permability
Code
F
G
S
G


Similar Part No. - CZB1EGTTE120P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EGTTE120P KOA-CZB1EGTTE120P Datasheet
96Kb / 3P
   multilayer ferrite bead
More results

Similar Description - CZB1EGTTE120P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZP1JFT KOA-CZP1JFT Datasheet
329Kb / 10P
   Multi Layer Ferrite Power Beads
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com