Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZB1EGTTE120P Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # CZB1EGTTE120P
Description  Multi Layer Ferrite Chip Beads
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZB1EGTTE120P Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  CZB1EGTTE120P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZB1EGTTE120P Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SS-219 R15
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 15
4. Standard Applications (continued)
KOA SPEER ELECTRONICS, INC.
Impedance test method: HP4291A
††
DCR test method: Keithley 580
Part
Designation
Impedance
@ 100MHz
(Ω)
DC
Resistance
Maximum
††
(Ω)
Allowable
DC Current
Maximum
(mA)
Operating
Temperature
Range
-55°C to +125°C
600
400
200
300
500
200
500
300
200
300
200
800
500
400
300
200
600
300
250
200
-55°C to +125°C
0.15
0.25
0.30
0.25
0.40
0.55
0.60
0.80
0.20
0.25
0.35
0.25
0.35
0.40
0.60
0.10
0.20
0.15
0.30
0.40
0.60
0.70
1.00
0.10
0.25
0.30
0.55
CZB2AGTTD121P
120
CZB2AGTTD151P
150
CZB2AGTTD201P
200
CZB2AGTTD221P
220
CZB2AGTTD301P
300
CZB2AGTTD601P
600
CZB2AGTTD601PV
600
CZB2AGTTD102P
1000
CZB2AGTTD152P
1500
CZB2AGTTD202P
2000
CZB2AGTTD222P
2200
CZB2ASTTD300P
30
CZB2ASTTD600P
60
CZB2ASTTD121P
120
CZB2ASTTD201P
200
CZB2ASTTD221P
220
CZB2ASTTD301P
300
CZB2ASTTD601P
600
CZB2ASTTD102P
1000
CZB2BFTTE190P
19
CZB2BFTTE260P
26
CZB2BFTTE300P
30
CZB2BFTTE310P
31
CZB2BFTTE500P
50
CZB2BFTTE600P
60
CZB2BFTTE700P
70
CZB2BFTTE800P
80
CZB2BFTTE900P
90
CZB2BFTTE101P
100
CZB2BFTTE121P
120
CZB2BFTTE151P
150
CZB2BFTTE201P
200
CZB2BFTTE301P
300
CZB2BFTTE601P
600
CZB2BGTTE102P
1000
CZB2BGTTE152P
1500 @ 50MHz
CZB2BGTTE202P
2000 @ 30MHz
CZB2BGTTE222P
2200 @ 50MHz
CZB2BSTTE190P
19
CZB2BSTTE121P
120
CZB2BSTTE301P
300
CZB2BSTTE601P
600
CZB2BSTTE102P
1000


Similar Part No. - CZB1EGTTE120P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB1EGTTE120P KOA-CZB1EGTTE120P Datasheet
96Kb / 3P
   multilayer ferrite bead
More results

Similar Description - CZB1EGTTE120P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZP1JFT KOA-CZP1JFT Datasheet
329Kb / 10P
   Multi Layer Ferrite Power Beads
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com