Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA1J4BTE121P Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # FBA1J4BTE121P
Description  Multilayer Ferrite Chip Bead Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

FBA1J4BTE121P Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  FBA1J4BTE121P Datasheet HTML 1Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 2Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 3Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 4Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 5Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 6Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 7Page - KOA Speer Electronics, Inc. FBA1J4BTE121P Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
KOA SPEER ELECTRONICS, INC.
SS-224 R5
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 8 OF 8
10. Recommended PC Board Land Patterns - inches (mm)
Chip Component Size
Size
LW
AB
C
E
1206
.126
.063
.030
.120
.016
.031
(3216)
(3.2)
(1.6)
(0.762) (3.048) (0.406) (0.787)
Soldering
Pad
Chip
Component
L
C
E
BW
A
Item
Requirement
Conditions
Thermal Shock
Appearance: There shall be no physical or
Step
Temperature
Time
mechanical damage.
1-start
-40°C ±2°C
Impedance: Relative to initial value ±20%.
2-hold
-40°C ±2°C
30 min ±5 min
DCR: The DCR shall not exceed initial specified
3-transfer
0.5 min max.
value.
4-hold
+105°C ±2°C 30 min ±5 min
5-transfer
0.5 min max.
Testing of the parts will be made at 0 hours, 250
hours and 500 hours. Before testing the parts
Steps 1 thru 5 constitute one complete cycle
shall be allowed to cool to room temperature for
and the test shall consist of a total of 500
24 hours.
cycles.
Load Humidity
Appearance: There shall be no physical or
Temperature: 85°C ±2°C
mechanical damage
Relative Humidity: 85%
Impedance: Relative to initial value ±15%
Time: 1,000 hours total
Apply: 100% rated current
Measurements shall be taken at 0 hours, 250
hours, 500 hours and 1,000 hours and shall meet
the conditions stated above.
Life Test
Appearance: There shall be no physical or
Temperature: 85°C ±2°C
mechanical damage
Time: 1,000 hours total
Impedance: Relative to initial value ±15%
Apply: 100% rated current
Measurements shall be taken at 0 hours, 250
hours, 500 hours and 1,000 hours and shall meet
the conditions stated above.
9. Characteristics (continued)


Similar Part No. - FBA1J4BTE121P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
FBA1J4BTTE121P KOA-FBA1J4BTTE121P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4BTTE221P KOA-FBA1J4BTTE221P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4BTTE300P KOA-FBA1J4BTTE300P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4BTTE301P KOA-FBA1J4BTTE301P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4BTTE600P KOA-FBA1J4BTTE600P Datasheet
98Kb / 3P
   ferrite bead array
More results

Similar Description - FBA1J4BTE121P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
   Chip Array Ferrite Bead
Revision: 16-Jan-06
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com