Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZB2AFTTE120P Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CZB2AFTTE120P
Description  Multi Layer Ferrite Chip Beads
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZB2AFTTE120P Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CZB2AFTTE120P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZB2AFTTE120P Datasheet HTML 9Page - KOA Speer Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 15
SS-219 R15
4. Standard Applications
KOA SPEER ELECTRONICS, INC.
Impedance test method: HP4291A
††
DCR test method: Keithley 580
500
200
100
50
400
300
250
300
250
210
250
210
200
100
50
400
300
200
800
600
Part
Designation
Impedance
@ 100MHz
(Ω)
DC
Resistance
Maximum
††
(Ω)
Allowable
DC Current
Maximum
(mA)
Operating
Temperature
Range
CZB1EGTTP100P
10
CZB1EGTTP700P
70
CZB1EGTTP121P
120
CZB1EGTTP221P
220
CZB1EGTTP301P
300
CZB1EGTTP451P
450
CZB1EGTTP601P
600
CZB1EGTTP102P
1000
CZB1JGTTD300P
30
CZB1JGTTD400P
40
CZB1JGTTD600P
60
CZB1JGTTD800P
80
CZB1JGTTD900P
90
CZB1JGTTD101P
100
CZB1JGTTD121P
120
CZB1JGTTD141P
140
CZB1JGTTD151P
150
CZB1JGTTD181P
180
CZB1JGTTD221P
220
CZB1JGTTD301P
300
CZB1JGTTD421P
420
CZB1JGTTD451P
450
CZB1JGTTD601P
600
CZB1JGTTD102P
1000
CZB1JGTTD152P
1500
CZB1JGTTD202P
2000
CZB1JSTTD180P
18
CZB1JSTTD300P
30
CZB1JSTTD600P
60
CZB1JSTTD121P
120
CZB1JSTTD151P
150
CZB1JSTTD221P
220
CZB1JSTTD301P
300
CZB1JSTTD421P
420
CZB1JSTTD601P
600
CZB1JSTTD102P
1000
CZB2AFTTD070P
7
CZB2AFTTD110P
11
CZB2AFTTD170P
17
CZB2AFTTD300P
30
CZB2AFTTD400P
40
CZB2AFTTD500P
50
CZB2AFTTD600P
60
CZB2AFTTD800P
80
CZB2AGTTD101P
100
0.05
0.40
0.50
0.70
0.80
0.90
1.00
1.50
0.10
0.20
0.30
0.35
0.40
0.45
0.60
0.70
0.80
0.10
0.25
0.30
0.40
0.35
0.50
0.65
0.60
0.10
0.15
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C


Similar Part No. - CZB2AFTTE120P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZB2AFTTE120P KOA-CZB2AFTTE120P Datasheet
96Kb / 3P
   multilayer ferrite bead
More results

Similar Description - CZB2AFTTE120P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CZP1JFT KOA-CZP1JFT Datasheet
329Kb / 10P
   Multi Layer Ferrite Power Beads
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com