Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA1J4ATE601P Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # FBA1J4ATE601P
Description  Multilayer Ferrite Chip Bead Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

FBA1J4ATE601P Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

  FBA1J4ATE601P Datasheet HTML 1Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 2Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 3Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 4Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 5Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 6Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 7Page - KOA Speer Electronics, Inc. FBA1J4ATE601P Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KOA SPEER ELECTRONICS, INC.
SS-224 R5
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 7 OF 8
Item
Requirement
Conditions
Solderability
Solder Coverage: More than 95% of the
Flux: 5-10 sec dip
termination shall be covered with solder.
After Flux: Air dry for 15 sec
Solder Temp: 245°C ±5°C
Dip Time: 5 ±0.5 sec
Leach Resistance
Appearance: There shall be no visible signs of
The bead shall be subjected to the following
physical or mechanical damage (i.e. no cracks)
5 steps for the period of time shown below.
Terminations: Termination must not be leached
The 5 steps constitute one (1) rotation.
away for more than 5%.
4 rotations shall be carried out.
1) Flux: 5-10 sec
2) After Flux: Air dry for 15 sec
3) Solder Temp: 230°C ±5°C
4) Dip Time: 5 ±0.5 sec
5) Cool: Air cool for 60 seconds
Insulation Resistance
Insulation Resistance: Min 1G ohms
Solvent Resistance
Change in Impedance: Relative to value before
Cleaning by:
test ±10%.
Washer: Ultrasonic washer (100W)
Solvent: Isopropyl alcohol
Time: 3 minutes
Terminal Strength
Appearance: The terminal electrode shall not
Type
W(kgf)
Time
(hanging test)
break off, nor shall there be damage to the body.
1206
1.5
30 sec ±2 sec
Terminal Strength
Appearance: There shall be no evidence of
Type
W(kgf)
Time
(push test)
mechanical degradations to terminals or body.
1206
2.3
60 sec
Bending Strength
Appearance: There shall be no physical or
Board: 90x40x1.6mm
mechanical damage
Bend: 1mm
Impedance: Relative to initial value before
Time: 5 sec
test ±10%
Mechanical Shock
Appearance: There shall be no physical or
Force: 50G
mechanical damage
Time: 11 msec
Impedance: Relative to initial value before test
There shall be 3 shocks in each of 6 directions
±10%
(18 shocks total).
Vibration
Impedance: Relative to initial value ±10%
Only endurance conditioning by sweeping shall
be made. The entire frequency range from
10-2,000Hz and return to 10Hz in 20
minutes (this shall constitute one cycle).
Amplitude: 1.5mm
The test shall have a 15G peak and shall be
applied for a period of 4 hours (12 cycles)
in each of 3 mutually perpendicular directions
(a total of 36 cycles within a total of 12 hours).
9. Characteristics (continued)


Similar Part No. - FBA1J4ATE601P

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
FBA1J4AT KOA-FBA1J4AT Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE102P KOA-FBA1J4ATTE102P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE121P KOA-FBA1J4ATTE121P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE221P KOA-FBA1J4ATTE221P Datasheet
98Kb / 3P
   ferrite bead array
FBA1J4ATTE300P KOA-FBA1J4ATTE300P Datasheet
98Kb / 3P
   ferrite bead array
More results

Similar Description - FBA1J4ATE601P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
   Chip Array Ferrite Bead
Revision: 16-Jan-06
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com