Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTXS03TTE Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CTXS03TTE
Description  PECL clock terminator networks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CTXS03TTE Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CTXS03TTE Datasheet HTML 1Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
144
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/12/08
PMS 300 neg.
Black neg.
CTX
PECL clock terminator networks
features
EMI/RFI attenuation
Reduced board space
Better tracking of electrical parameters
Precision characteristics
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
For further information on packaging, please refer to Appendix A.
dimensions and construction
applications
Low pass filter
Clock termination
EMI/RFI attenuator
ordering information
Package type symbol
+ number of pins
SOT23: S03
T: Sn
(Other termination
styles available,
contact factory
for options)
* Value code assigned by
KSE Engineering
CTX
S03
T
TE
XXXX*
Termination Material
Type
Package
Symbol
Packaging
Custom Value
Code
New Part #
TE: 7"
embossed
plastic tape
T.C.R.
(ppm/°C)
Resistor
Tolerance
Capacitor
Tolerance
Part
Designation
Operating
Temperature
Range
Power Rating
@ 70°C
(Resistor)
Capacitor
Voltage
Rating
applications and ratings
CTX
±200
-55°C to +150°C
20V
±20%
±10%
100mW
circuit schematic
C
R1
R2
2
1
3
EU
W
c
d
p
h
A
L
Size
Code
.115±.001
(2.92±0.2)
.091±.001
(2.30±0.2)
.045±.001
(1.15±0.2)
S03
A
W
L
Dimensions inches
(mm)
.075±.004
(1.91±0.1)
.037±.004
(0.95±0.1)
.017±.004
(0.43±0.1)
d
h
p
.016±.004
(0.40±0.1)
c
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 142


Similar Part No. - CTXS03TTE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTXS-4202S SANKEN-CTXS-4202S Datasheet
491Kb / 7P
   Fast Recovery and High Power Diode
CTXS-4452S SANKEN-CTXS-4452S Datasheet
257Kb / 7P
   Fast Recovery and High Power Diode
CTXS-4603S SANKEN-CTXS-4603S Datasheet
503Kb / 7P
   Fast Recovery and High Power Diode
CTXS-4606S SANKEN-CTXS-4606S Datasheet
272Kb / 7P
   Fast Recovery and High Power Diode
logo
Inchange Semiconductor ...
CTXS-4606S ISC-CTXS-4606S Datasheet
265Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - CTXS03TTE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
   RC Terminator Networks
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
KOA Speer Electronics, ...
ACBQ20T KOA-ACBQ20T Datasheet
95Kb / 2P
   AC terminator networks
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
   RC Terminator Networks
4609H-701-101 BOURNS-4609H-701-101 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
List of Unclassifed Man...
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
   DDR SDRAM TERMINATOR NETWORKS.
logo
California Micro Device...
PRC298 CALMIRCO-PRC298 Datasheet
33Kb / 3P
   CLOCK TERMINATOR
logo
Vectron International, ...
CO-434_454 VECTRON-CO-434_454 Datasheet
73Kb / 2P
   PECL Clock Oscillators
logo
Renesas Technology Corp
ICS507-01 RENESAS-ICS507-01 Datasheet
324Kb / 8P
   PECL CLOCK SYNTHESIZER
041905
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
   PECL Clock Synthesizer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com