Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1H2KTTDD Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CN1H2KTTDD
Description  Flat Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1H2KTTDD Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CN1H2KTTDD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1H2KTTDD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN1H2KTTDD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CN1H2KTTDD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS-242 R7
AHA 5/01/08
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 4
Flat Chip Resistor Array
Type CN_K/N
1. Features
I
Manufactured to Type RK73 standards
I
Less board space than individuals chips
I
Marked with resistance value
I
Isolated resistor elements
I
Products with lead-free terminations meet EU-RoHS requirements. Pb located in glass material,
electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
3. Type Designation
The type designation shall be the following form:
CN
Type
Nominal
Resistance
101
Tolerance
J
1F8
Marking
Packaging
TD
Blank:
Marking
N: No
marking
K:Convex
type with
square
corners
N: Flat
type with
square
corners
2 significant
figures + 1
multiplier
for ±5%
3 significant
figures + 1
multiplier
for ±1%
TD: 7"
paper tape
TDD: 10"
paper tape
Terminal
Convex
K
F: ±1%
J: ±5%
2. Dimensions
KOA SPEER ELECTRONICS, INC.
T
Termination
Material
T: Sn
(Other
termination
styles available,
contact factory
for options)
Size
1J
1H
1E
1F
1J
CERTIFIED
CERTIFIED
t
W
a
L p
b
C
d
Protective
Coating
Resistive
Film
Ceramic
Substrate
Inner
Electrode
Electrode
e
CN___K Convex/Square Corner
Elements
4
2
4
8
R1 R2
Rn
R1 = R2 = . . . = Rn
(n = 2, 4 or 8)
. . . . . . . .
. . . . . . . .
CN___K
Size
Code
.031±.004
(0.8±0.1)
.039±.004
(1.0±0.1)
.079±.004
(2.0±0.1)
.039±.004
(1.0±0.1)
.063±.006
(1.6±0.15)
.126±.006
(3.2±0.15)
.063±.006
(1.6±0.15)
.012±.008
(0.3±0.2)
.006±.004
(0.15±0.1)
.014
(0.35)
.020
(0.5)
.020
(0.5)
.012
(0.3)
0.31
(0.8)
.020
(0.5)
.013±.004
(0.33±0.1)
.026±.004
(0.65±0.1)
.024±.004
(0.6±0.1)
.006±.004
(0.15±0.1)
.010±.004
(0.25±0.1)
.010±.004
(0.25±0.1)
.010±.004
(0.25±0.1)
.014±.004
(0.35±0.1)
.014±.004
(0.35±0.1)
.013±.004
(0.33±0.1)
.007±.002
(0.17±0.05)
.020
(0.5)
1H2N
.006±.004
(0.15±0.1)
1E2K
1E4K
1J2K
1J4K
p (ref.)
.020
(0.5)
0.024
(0.607)
.013±.004
(0.33±0.1)
.014±.004
(0.35±0.1)
e
b (ref.)
a (ref.)
t
d
C
W
L
Dimensions inches (mm)
.012±.006
(0.3±0.15)
.006±.004
(0.15±0.1)
.149±.004
(3.8±0.1)
.063±.008
(1.6±0.2)
.012±.004
(0.3±0.1)
.017±.004
(0.44±0.1)
.012±.004
(0.296±0.1)
.012±.004
(0.3±0.1)
.020±.004
(0.5±0.1)
1F8K
1F8N
.012±.004
(0.296±0.1)


Similar Part No. - CN1H2KTTDD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1H2KTTDD101F KOA-CN1H2KTTDD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1H2KTTDD101F KOA-CN1H2KTTDD101F Datasheet
257Kb / 2P
   convex termination with square corners resistor array
CN1H2KTTDD101J KOA-CN1H2KTTDD101J Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1H2KTTDD101J KOA-CN1H2KTTDD101J Datasheet
257Kb / 2P
   convex termination with square corners resistor array
More results

Similar Description - CN1H2KTTDD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com