Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1J4NTTD Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CN1J4NTTD
Description  Flat Chip Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1J4NTTD Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CN1J4NTTD Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1J4NTTD Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN1J4NTTD Datasheet HTML 3Page - KOA Speer Electronics, Inc. CN1J4NTTD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS-242 R7
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
4. Standard Applications
5. Environmental Applications
For temperature in excess of 70°C, the load shall be
derated in accordance with the following figure.
KOA SPEER ELECTRONICS, INC.
Derating Curve
Surface Temperature Rise
100
80
60
40
20
70
125
Ambient Temperature
(∞C)
0
0
-55
100
80
60
40
20
50
100
150 200
% Rated Power
0
0
CN1E2K
2
1
CN1E2K 2
CN1E4K 1
CN1E4K 2
CN1F8K 1
CN1F8K 2
CN1H2N
Absolute
Maximum
Working
Voltage
Resistance
Range
E-24
(J±5%)
Part
Designation
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
Max.
CN1E2K
CN1H2N
CN1F8K
CN1F8NK
CN1E4K
CN1J2K
1/16W (.063W)
1/32W (.031W)
25V
50V
50V
12.5V
25V
100V
25V
50V
-55°C to +125°C
±200:>10Ω
±400:R<10Ω
10Ω - 1MΩ
10Ω - 1MΩ
CN1J4K
1/16W (.063W)*
0.25W per package
Resistance
Range
E-96
(F±1%)
10Ω - 100kΩ
–––
1Ω - 1MΩ
NEW
* Note that network resistors generate higher heat rather than single flat chip resistor under rated power output
2
1


Similar Part No. - CN1J4NTTD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4NTTD101F KOA-CN1J4NTTD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1J4NTTD101J KOA-CN1J4NTTD101J Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1J4NTTDD101F KOA-CN1J4NTTDD101F Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN1J4NTTDD101J KOA-CN1J4NTTDD101J Datasheet
108Kb / 2P
   convex termination with square corners resistor array
More results

Similar Description - CN1J4NTTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
logo
Nais(Matsushita Electri...
EXB28V NAIS-EXB28V Datasheet
105Kb / 10P
   Chip Resistor Array
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com