Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF16AN Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TF16AN
Description  thin film chip fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TF16AN Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TF16AN Datasheet HTML 1Page - KOA Speer Electronics, Inc. TF16AN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
184
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/06/09
TF
thin film chip fuse
Fusing
Time
Internal R.
Maximum
(m
Ω)
Rated
Voltage
Rated
Ambient
Temperature
Operating
Temperature
Range
Part
Designation
Marking
applications and ratings (continued)
Rated
Current
TF16SN0.25
C
0.25A
960
600
300
190
135
103
78
58
47
38
28
TF16SN0.315
D
0.315A
TF16SN0.50
F
0.50A
-40°C
to
+125°C
TF16SN0.63
I
0.63A
Open within 5 sec. at
200% rated current
(Refer to Fusing
Characteristics graph)
TF16SN0.80
K
0.80A
TF16SN1.00
L
1.00A
TF16SN1.25
M
1.25A
TF16SN2.00
S
2.00A
TF16SN2.50
T
2.50A
TF16SN3.15
U
3.15A
32V
+70°C
TF16SN1.60
N
1.60A
Derating Curve
environmental applications
100
80
60
40
20
-40 -20
20
60
80
100120180
125
40
Ambient Temperature
(°C)
0
70
140
175
0160
Fusing Characteristics
10
1
.1
.01
0.1
110
Fusing Current
(A)
.001
TF10BN
.315A .5A .63A .8A 1A 1.25A 1.6A 2A 2.5A
.25A
.20A
PMS 300 neg.
Black neg.
Performance Characteristics
Parameter
Requirement
Limit
Typical
Test Method
Solderability
Bending Test
230°C ± 5°C, 3 seconds ± 0.5 second
Distance between holding points: 90mm, Bending: 3mm, 1 time
(BN, AT), 2mm, 1 time (SN)
95% coverage minimum
No mechanical damages
No evidence of
damages to protective
coating and marking
Clearing Time
200% of rated voltage shall be carried
Within 1 second
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 0.5 second
±10%
±4.5%
Load Life
70°C ± 2°C, 1000 hours, rated current x 100%, 1.5 hr ON, 0.5 hr OFF cycle
±10%
±8.0%
±4.5%(16SN)
Load Life Moisture
40°C ± 2°C, 90 - 95% RH, 1000 hours, rated current x 100%,
1.5 hr ON, 0.5 hr OFF cycle
±10%
±4.5%
Rapid Change of Temperature
-40°C (30 minutes), +125°C (30 minutes), 10 cycles
±10%
±4.0%
Resistance to Solvent
Conforming to MIL-STD-202F
Residual Resistance
Measure DC resistance after fusing
10k
Ω and more
440
TF16SN0.40
H
0.40A
170
TF16SN0.70
J
0.70A
10
1
.1
.01
0.1
1
100
Fusing Current
(A)
.001
TF16AT
.25A
1A
2.5A
10
.315A .5A .63A .8A
1.25A 1.6A 2.0A
3.15A4.00A5.00A
10
1
.1
.01
0.1
110
Fusing Current
(A)
.001
.25A
TF16SN
.315A
.5A.63A .8A1A1.25A1.6A 2A 2.5A 3.15A
.4A
.7A
.20A
TF16AT3.15
U
3.15A
24
17
TF16AT4.00
X
4.00A
14
TF16AT5.00
Y
5.00A
32V
+70°C
-55°C
to
+125°C
Open within
1 sec. at 200%
rated current
(Refer to Fusing
Characteristics
graph)
1500
TF16SN0.20
A
0.20A
1733 Reader's Spreads pg1-203:document
1/27/09
4:18 PM
Page 182


Similar Part No. - TF16AN

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
   Standard Triac
More results

Similar Description - TF16AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
CFS04V3TR50 ETC-CFS04V3TR50 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com