Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H16TB Datasheet(PDF) 1 Page - Hind Rectifiers Limited.

Part # H16TB
Description  PHASE CONTROL THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIRECT [Hind Rectifiers Limited.]
Direct Link  http://www.hirect.com
Logo HIRECT - Hind Rectifiers Limited.

H16TB Datasheet(HTML) 1 Page - Hind Rectifiers Limited.

  H16TB Datasheet HTML 1Page - Hind Rectifiers Limited. H16TB Datasheet HTML 2Page - Hind Rectifiers Limited. H16TB Datasheet HTML 3Page - Hind Rectifiers Limited. H16TB Datasheet HTML 4Page - Hind Rectifiers Limited. H16TB Datasheet HTML 5Page - Hind Rectifiers Limited. H16TB Datasheet HTML 6Page - Hind Rectifiers Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHASE CONTROL THYRISTOR H16TB/TLXX
Symbol
Characteristics
Conditions
T
J (
0
C)
Value
Unit
BLOCKING PARAMETERS
V
RRM
Repetitive peak reverse voltage
125
200-1600
V
V
DRM
Repetitive peak off-stage
voltage
125
200-1600
V
I
RRM
Repetitive peak reverse current
V = V
RRM
125
15
mA
I
DRM
Repetitive peak off-state current
V = V
RRM
125
15
mA
d
V/dT
Rep. rate of change of Voltage
@ 67%V
DRM
125
600
V/μS
CONDUCTING PARAMETERS
I
F(AV)
Average on-state current
180 sine, 50H
Z, TC
= 850C
16
A
I
RMS
RMS on-state current
25
A
I
TSM
Surge on-state current
350
A
I2t
I2t
Sine wave, 10mS
without reverse
voltage
125
610
A2S
V
T
On-state voltage
On-state
current = 53A
125
2.05
V
V
0
Threshold voltage
125
1.10
V
r
0
On-state slope resistance
125
16
di/dt
Repetitive rate of rise of current
d
IG/dT = 1A/µS
V
GK = 1V
125
100
A/μS
TRIGGERING PARAMETERS
I
GT
Gate trigger current
V
D = 5V
25
100
mA
V
GT
Gate trigger voltage
25
2.50
V
I
L
Latching Current
V
D = 5V
25
300
mA
IH
Holding Current
V
D = 5V
25
200
mA
PG –PEAK
Maximum Peak Gate Power
Pulse width 100μS
30
W
V
FGM
Maximum forward gate voltage
12
V
I
FGM
Maximum forward gate current
10
A
THERMAL & MECHANICAL PARAMETERS
R
TH (J-C)
Thermal impedance, 180
conduction, Sine
Junction to case
1.40
0
C/W
R
TH (C-HK)
Thermal impedance
Case to heatsink
0.30
0
C/W
T
J
Maximum Permissible junction
temperature
125
0
C
T
STG
Storage temperature range
-40 - 125
0
C
F
Mounting Torque
2
NM
W
Weight
For TB
For TL
30
15
gms
H
HIIN
ND
D R
RE
EC
CT
TIIF
FIIE
ER
RS
S L
LT
TD
D
1 of 6


Similar Part No. - H16TB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H16 MCC-H16 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Tyco Electronics
H16 MACOM-H16 Datasheet
469Kb / 1P
   Make & Break Load Switching
logo
Winchester Electronics ...
H16 WINCHESTER-H16 Datasheet
275Kb / 1P
   WINCHESTER ELECTRONICS.
logo
Micro Commercial Compon...
H16-1 MCC-H16-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H16-2 MCC-H16-2 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
More results

Similar Description - H16TB

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com