Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3707EGN-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3707EGN-PBF
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707EGN-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3707EGN-PBF Datasheet HTML 1Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 2Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 3Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 4Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 5Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 6Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 7Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 8Page - Linear Technology LTC3707EGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3707
4
3707fb
Efficiency vs Output Current
(Figure 13)
Efficiency vs Input Voltage
(Figure 13)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
fHIGH
Highest Frequency
VFREQSET = 2.4V
280
310
360
kHz
IFREQSET
FREQSET Input Current
VFREQSET = 0V
–2
–1
μA
3.3V Linear Regulator
V3.3OUT
3.3V Regulator Output Voltage
No Load
l
3.20
3.35
3.45
V
V3.3IL
3.3V Regulator Load Regulation
I3.3 = 0 to 10mA
0.5
2
%
V3.3VL
3.3V Regulator Line Regulation
6V < VIN < 30V
0.05
0.2
%
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
1
μA
VPG
PGOOD Trip Level, Either Controller
VOSENSE Respect to Set Output Voltage
VOSENSE Ramping Negative
VOSENSE Ramping Positive
–6
6
–7.5
7.5
–9.5
9.5
%
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3707E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3707I is guaranteed to meet
performance specifications over the full – 40°C to 85°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3707EGN = TJ = TA + (PD • 85°C/W)
Note 4: The LTC3707 is tested in a feedback loop that servos VITH1, 2 to a
specified voltage and measures the resultant VOSENSE1, 2.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The IC minimum on-time is tested under an ideal condition
without external power FETs. It can be different when the IC is working in
an actual circuit. See Minimum On-Time Considerations in the Application
Information section.
Note 8: VFREQSET pin internally tied to a 1.19V reference through a
large resistance.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
and Mode (Figure 13)
OUTPUT CURRENT (A)
0.001
0
10
30
40
50
100
70
0.01
0.1
1
3707 G01
20
80
90
60
10
FORCED
CONTINUOUS
MODE (PWM)
CONSTANT
FREQUENCY
(BURST DISABLE)
Burst Mode
OPERATION
VIN = 15V
VOUT = 5V
OUTPUT CURRENT (A)
0.001
70
80
10
3707 G02
60
50
0.01
0.1
1
100
90
VIN = 10V
VIN = 15V
VIN = 7V
VIN = 20V
VIN = 15V
VOUT = 5V
INPUT VOLTAGE (V)
5
70
80
3707 G03
60
50
15
25
30
100
VOUT = 5V
IOUT = 3A
90
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.


Similar Part No. - LTC3707EGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707EGN-SYNC LINER-LTC3707EGN-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-PBF LINER-LTC3707EGN-SYNC-PBF Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-TR LINER-LTC3707EGN-SYNC-TR Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-TRPBF LINER-LTC3707EGN-SYNC-TRPBF Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3707EGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com