Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3524EUF-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3524EUF-TRPBF
Description  Adjustable TFT Bias Supply with WLED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524EUF-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3524EUF-TRPBF Datasheet HTML 1Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 2Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 3Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 4Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 5Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 6Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3524EUF-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3524
3
3524f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3524E is guaranteed to meet specifications from 0°C to
85°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization, and statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Current Limit
100
150
mA
Charge Pumps
V2x Output Voltage
Load on V2x = 250μA
10
V
Output Impedance V2x
Flying Capacitors = 0.1μF
250
Ω
V2x Maximum Operating Voltage
(Note 3)
12
V
VH Output Voltage (Quadrupler)
Load = 250μA (FBH = 1V)
20
V
Output Impedance (2X + Quadrupler)
Flying Capacitors = 0.1μF
1200
Ω
FBH Regulation Voltage
1.15
1.225
1.30
V
VH Maximum Operating Voltage
(Note 3)
20
VN Output Voltage
Load on VN = 250μA, VNIN = 10.2V, External Schottkys
–9.7
V
FBN Regulation Voltage
0.94
1
1.06
V
Output Impedance VN (2X + VN)
Flying Capacitor = 0.1μF
650
Ω
VN Minimum Operating Voltage
(Note 3)
–20
V
Switching Frequency Charge Pumps
94
KHz
V2x to VN Delay
(Note 4)
2
ms
VN to VH Delay
(Note 4)
2
ms
LED Boost
LED1,2 Current Accuracy
RPROG = 100k
18
20
22
mA
SW2 Maximum Current Limit
500
700
mA
SW2 VCESAT
ISW = 350mA
350
mV
Logic Inputs
ELED1, ELED2 , ELCD Thresholds
0.4
0.8
1.2
V
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V, VOUT = 5.1V, TA = 25°C, unless otherwise noted.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Measured from point at which VN crosses –VOUT to point at which
CH+ starts switching.


Similar Part No. - LTC3524EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3524 LINER-LTC3524 Datasheet
266Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
More results

Similar Description - LTC3524EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
logo
Texas Instruments
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
[Old version datasheet]   LCD Bias IC with Integrated WLED Driver
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
MAAM-010651 MA-COM-MAAM-010651 Datasheet
689Kb / 6P
   Variable Gain with Adjustable Bias
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com