Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3672BEDC-1-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3672BEDC-1-TRPBF
Description  Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3672BEDC-1-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3672BEDC-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3672BEDC-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3672B-1
3
3672B1f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3672B-1 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RPD,BUCKOUT
BUCKOUT Pulldown Resistance in Shutdown
VENALL = 0V
10
k
Ω
RPD,SW
SW Pulldown Resistance in Shutdown
VENALL = 0V
10
k
Ω
tSS,BUCK
Soft-Start Time
0.2
ms
LDO Regulator 1: VIN1 = 1.8V Unless Otherwise Noted
VLDO1
Regulated Output Voltage
LDO1 Output, ILDO1 = 1mA
1.17
1.2
1.23
V
Line Regulation
with Respect to VIN
with Respect to VIN1
ILDO1 = 1mA
VIN = 3V to 5.5V, VIN1 = 1.8V
VIN = 3.6V, VIN1 = 1.7V to 1.9V
0.05
1
mV/V
mV/V
Load Regulation
ILDO1 = 1mA to 150mA
–0.05
mV/mA
Available Output Current
150
mA
Short-Circuit Output Current
347
mA
VDROP1
Dropout Voltage (Note 6)
ILDO1 = 150mA
484
570
mV
tSS,LDO1
Soft-Start Time
0.3
ms
RPD,LDO1
Output Pulldown Resistance in Shutdown
10
k
Ω
LDO Regulator 2
VLDO2
Regulated Output Voltage
LDO2 Output, ILDO2 = 1mA
2.73
2.8
2.87
V
Line Regulation with Respect to VIN
ILDO2 = 1mA, VIN = 3V to 5.5V
1
mV/V
Load Regulation
ILDO2 = 1mA to 150mA
0.1
mV/mA
Available Output Current
150
mA
Short-Circuit Output Current
453
mA
VDROP2
Dropout Voltage (Note 6)
ILDO2 = 150mA
188
250
mV
tSS,LDO2
Soft-Start Time
0.1
ms
RPD,LDO2
Output Pulldown Resistance in Shutdown
10
k
Ω
Note 4: Dynamic supply current is higher due to the gate charge delivered
to the buck regulator’s internal MOSFET switches at the switching
frequency.
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the specified maximum specified pin current rating may result in
device degradation or failure.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. When LDO1 is
in dropout, its output voltage will be equal to: VIN1 – VDROP1. When LDO2
is in dropout, its output voltage will be equal to: VIN – VDROP2.


Similar Part No. - LTC3672BEDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672BEDC-2-PBF LINER-LTC3672BEDC-2-PBF Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672BEDC-2-TRPBF LINER-LTC3672BEDC-2-TRPBF Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results

Similar Description - LTC3672BEDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2_15 Datasheet
163Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
Linear Technology
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com