Part Name
         Description
LTC3672B-1

 Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm × 2mm DFN ( 12 Page)


LINER
100% 
Zoom Out Zoom In
 
 3 page
background image
LTC3672B-1
3
3672B1f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3672B-1 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RPD,BUCKOUT
BUCKOUT Pulldown Resistance in Shutdown
VENALL = 0V
10
k
Ω
RPD,SW
SW Pulldown Resistance in Shutdown
VENALL = 0V
10
k
Ω
tSS,BUCK
Soft-Start Time
0.2
ms
LDO Regulator 1: VIN1 = 1.8V Unless Otherwise Noted
VLDO1
Regulated Output Voltage
LDO1 Output, ILDO1 = 1mA
1.17
1.2
1.23
V
Line Regulation
with Respect to VIN
with Respect to VIN1
ILDO1 = 1mA
VIN = 3V to 5.5V, VIN1 = 1.8V
VIN = 3.6V, VIN1 = 1.7V to 1.9V
0.05
1
mV/V
mV/V
Load Regulation
ILDO1 = 1mA to 150mA
–0.05
mV/mA
Available Output Current
150
mA
Short-Circuit Output Current
347
mA
VDROP1
Dropout Voltage (Note 6)
ILDO1 = 150mA
484
570
mV
tSS,LDO1
Soft-Start Time
0.3
ms
RPD,LDO1
Output Pulldown Resistance in Shutdown
10
k
Ω
LDO Regulator 2
VLDO2
Regulated Output Voltage
LDO2 Output, ILDO2 = 1mA
2.73
2.8
2.87
V
Line Regulation with Respect to VIN
ILDO2 = 1mA, VIN = 3V to 5.5V
1
mV/V
Load Regulation
ILDO2 = 1mA to 150mA
0.1
mV/mA
Available Output Current
150
mA
Short-Circuit Output Current
453
mA
VDROP2
Dropout Voltage (Note 6)
ILDO2 = 150mA
188
250
mV
tSS,LDO2
Soft-Start Time
0.1
ms
RPD,LDO2
Output Pulldown Resistance in Shutdown
10
k
Ω
Note 4: Dynamic supply current is higher due to the gate charge delivered
to the buck regulator’s internal MOSFET switches at the switching
frequency.
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the specified maximum specified pin current rating may result in
device degradation or failure.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. When LDO1 is
in dropout, its output voltage will be equal to: VIN1 – VDROP1. When LDO2
is in dropout, its output voltage will be equal to: VIN – VDROP2.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC3670Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN 1 2 3 4 5 MoreLinear Technology
MIC232504MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD™ 1 2 3 4 5 MoreMicrel Semiconductor
LTC3446Monolithic Buck Regulator with Dual VLDO Regulators 1 2 3 4 5 MoreLinear Technology
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
SC1452_06Dual 150mA LDO Regulator with Programmable Reset 1 2 3 4 5 MoreSemtech Corporation
LTC3445I2C Controllable Buck Regulator with Two LDOs in a 4mm × 4mm QFN 1 2 3 4 5 MoreLinear Technology
LTC3549250mA Low VIN Buck Regulator in 2mm × 3mm DFN 1 2 3 4 5 MoreLinear Technology
ISL65426_076A Dual Synchronous Buck Regulator with Integrated MOSFETs 1 2 3 4 5 MoreIntersil Corporation
ISL65426MREPEnhanced Product EP 6.0A Dual Synchronous Buck Regulator with Integrated MOSFETs 1 2 3 Intersil Corporation
RT9232PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V/2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER AND REFERENCE OUTPUT 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl