Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3672B-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3672B-1
Description  Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3672B-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC3672B-1 Datasheet HTML 1Page - Linear Technology LTC3672B-1 Datasheet HTML 2Page - Linear Technology LTC3672B-1 Datasheet HTML 3Page - Linear Technology LTC3672B-1 Datasheet HTML 4Page - Linear Technology LTC3672B-1 Datasheet HTML 5Page - Linear Technology LTC3672B-1 Datasheet HTML 6Page - Linear Technology LTC3672B-1 Datasheet HTML 7Page - Linear Technology LTC3672B-1 Datasheet HTML 8Page - Linear Technology LTC3672B-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3672B-1
1
3672B1f
ILOAD (mA)
0
400
350
300
250
200
150
100
50
3672b1 TA01b
100
95
90
85
80
75
70
65
60
VIN = 2.9V
VIN = 3.6V
VIN = 5.5V
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Monolithic Fixed-Output
400mA Buck Regulator with Dual
150mA LDOs in 2mm
× 2mm DFN
The LTC®3672B-1 is a triple power supply composed of a
400mA synchronous buck regulator and two 150mA low-
dropout linear regulators (LDOs), where one of the LDOs
can be powered from the buck output to improve efficiency.
Constant-frequency 2.25MHz operation is maintained
down to very light loads. The input supply range of 2.9V
to 5.5V is especially well-suited for single-cell Lithium-Ion
and Lithium-Polymer applications, and for powering low
voltage ASICs from 3.3V or 5V rails.
The LTC3672B-1 regulates 1.8V at the buck output, 1.2V
at the LDO1 output, and 2.8V at the LDO2 output. Exter-
nal component count is minimal—all that is needed is a
single inductor, an input capacitor, and output capacitors
for each of the three outputs. Control loop compensation
is internal to the LTC3672B-1.
The LTC3672B-1 is available in a 2mm
× 2mm × 0.75mm
8-Lead DFN package.
Buck DC/DC Efficiency vs Load
Triple Output Supply From a Single 2.9V to 5.5V Input
Buck DC/DC: Fixed 1.8V Output, Up to 400mA
LDO1: Fixed 1.2V Output, Up to 150mA
LDO2: Fixed 2.8V Output, Up to 150mA
±2.5% Reference Accuracy
Constant Frequency 2.25MHz Operation
Minimum External Component Count
Current Mode Operation for Excellent Line and Load
Transient Response
Internal Soft-Start for Each Output
Single Enable Pin Turns On/Shuts Down All Three
Outputs
Tiny 2mm
× 2mm × 0.75mm DFN Package
DMB Cellphones
Handheld Products (PDA, PMP, GPS)
Multivoltage Power for Digital Logic, I/O, FPGAs,
CPLDs, ASICs, CPUs, and RF Chipsets
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
LTC3672B-1
GND
ENALL
SW
VOUT1
1.8V
400mA
(250mA IF LDO1
FULLY-LOADED)
VOUT2
1.2V
150mA
2.2 F
4.7 H
ENABLE
INPUT
VOUT3
2.8V
UP TO 150mA
(SUBJECT TO DROPOUT
LIMITATIONS)
BUCKOUT
VIN1
VIN
LDO1
LDO2
3672b1 TA01
1 F
1 F
10 F
VIN
2.9V TO 5.5V


Similar Part No. - LTC3672B-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
More results

Similar Description - LTC3672B-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2_15 Datasheet
163Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
Linear Technology
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com